Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV652MM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV652MM/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV652MM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV652MM/NOPB Datasheet HTML 9Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 10Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 11Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 12Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 13Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 14Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 15Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 16Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
TI’s LMV65x devices have 12 MHz of bandwidth, are unity-gain stable, and consume only 116
μA of current.
They also have a maximum input offset voltage of 1.5 mV, a rail-to-rail output stage, and an input common-mode
voltage range that includes ground. Lastly, these operational amplifiers provide a PSRR of 95 dB, a CMRR of
100 dB, and a total harmonic distortion (THD) of 0.003% at 1-kHz frequency and 2-k
Ω load.
7.2 Functional Block Diagram
(Each Amplifier)
7.3 Feature Description
7.3.1 Low Voltage and Low Power Operation
The LMV65x have performance specified at supply voltages of 3 V and 5 V. These parts are specified to be
operational at all supply voltages between 2.7 V and 5.5 V. The LMV651 draws a low supply current of 116
μA,
the LMV652 draws 118
μA/channel and the LMV654 draws 122 μA/channel. This family of operational amplifiers
provides the low voltage and low power amplification that is essential for portable applications.
7.3.2 Wide Bandwidth
Despite drawing the very low supply current of 116 µA, the LMV65x manage to provide a wide unity-gain
bandwidth of 12 MHz. This is easily one of the best bandwidth to power ratios ever achieved, and allows these
operational amplifiers to provide wideband amplification while using the minimum amount of power. This makes
this family of parts ideal for low-power signal processing applications such as portable media players and other
accessories.
7.3.3 Low Input Referred Noise
The LMV65x provides a flatband input referred voltage noise density of 17 nV/
√Hz, which is significantly better
than the noise performance expected from a low-power operational amplifiers. These operational amplifiers also
feature exceptionally low 1/f noise, with a very low 1/f noise corner frequency of 4 Hz. This makes these parts
ideal for low power applications which require decent noise performance, such as PDAs and portable sensors.
7.3.4 Ground Sensing and Rail-to-Rail Output
The LMV65x each have a rail-to-rail output stage, which provides the maximum possible output dynamic range.
This is especially important for applications requiring a large output swing. The input common-mode range of this
family of devices includes the negative supply rail which allows direct sensing at ground in a single-supply
operation.
7.3.5 Small Size
The small footprint of the packages for the LMV65x saves space on printed-circuit boards, and enables the
design of smaller and more compact electronic products. Long traces between the signal source and the
operational amplifier make the signal path susceptible to noise. By using a physically smaller package, these
operational amplifiers can be placed closer to the signal source, reducing noise pickup and enhancing signal
integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com