Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3892 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3892
Description  LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3892 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3892 Datasheet HTML 8Page - Texas Instruments LP3892 Datasheet HTML 9Page - Texas Instruments LP3892 Datasheet HTML 10Page - Texas Instruments LP3892 Datasheet HTML 11Page - Texas Instruments LP3892 Datasheet HTML 12Page - Texas Instruments LP3892 Datasheet HTML 13Page - Texas Instruments LP3892 Datasheet HTML 14Page - Texas Instruments LP3892 Datasheet HTML 15Page - Texas Instruments LP3892 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LP3892EMR-1.2/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.2
LP3892EMR-1.2/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.2
LP3892EMR-1.5/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.5
LP3892EMR-1.5/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.5
LP3892EMR-1.8/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.8
LP3892EMR-1.8/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.8
LP3892EMRX-1.2/NO.A
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.2
LP3892EMRX-1.2/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.2
LP3892EMRX-1.5/NO.A
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.5
LP3892EMRX-1.5/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
3892E
MR1.5
LP3892ES-1.2/NOPB
Active
Production
DDPAK/
TO-263 (KTT) | 5
45 | TUBE
ROHS Exempt
SN
Level-3-245C-168 HR
-40 to 125
LP3892ES
-1.2
LP3892ES-1.2/NOPB.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
45 | TUBE
ROHS Exempt
SN
Level-3-245C-168 HR
-40 to 125
LP3892ES
-1.2
LP3892ES-1.5/NOPB
Active
Production
DDPAK/
TO-263 (KTT) | 5
45 | TUBE
ROHS Exempt
SN
Level-3-245C-168 HR
-40 to 125
LP3892ES
-1.5
LP3892ES-1.5/NOPB.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
45 | TUBE
ROHS Exempt
SN
Level-3-245C-168 HR
-40 to 125
LP3892ES
-1.5
LP3892ESX-1.2/NOPB
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
ROHS Exempt
SN
Level-3-245C-168 HR
-40 to 125
LP3892ES
-1.2
LP3892ESX-1.2/NOPB.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
ROHS Exempt
SN
Level-3-245C-168 HR
-40 to 125
LP3892ES
-1.2
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com