Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5036 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 5Page - Texas Instruments LP5036 Datasheet HTML 6Page - Texas Instruments LP5036 Datasheet HTML 7Page - Texas Instruments LP5036 Datasheet HTML 8Page - Texas Instruments LP5036 Datasheet HTML 9Page - Texas Instruments LP5036 Datasheet HTML 10Page - Texas Instruments LP5036 Datasheet HTML 11Page - Texas Instruments LP5036 Datasheet HTML 12Page - Texas Instruments LP5036 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
9
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating ambient temperature range (–40°C < TA<85°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION CIRCUITS
T(TSD)
Thermal-shutdown junction temperature(1)
160
°C
T(HYS)
Thermal shutdown temperature
hysteresis(1)
15
°C
(1)
Specified by design
7.6 Timing Requirements
over operating ambient temperature range (-40°C < TA< 85°C) (unless otherwise noted)
MIN
TYP
MAX
UNIT
ƒOSC
Internal oscillator frequency(1)
15
MHz
tPSM
Power save mode deglitch time(1)
20
30
40
ms
tEN_H
EN first rising edge until first I2C access(1)
500
µs
tEN_L
EN first falling edge until first I2C reset(1)
3
µs
ƒSCL
I2C clock frequency(1)
400
kHz
1
Hold time (repeated) START condition(1)
0.6
µs
2
Clock low time(1)
1.3
µs
3
Clock high time(1)
600
ns
4
Setup time for a repeated START condition(1)
600
ns
5
Data hold time(1)
0
ns
6
Data setup time(1)
100
ns
7
Rise time of SDA and SCL(1)
20 + 0.1 Cb
ns
8
Fall time of SDA and SCL(1)
15 + 0.1 Cb
ns
9
Setup time for STOP condition(1)
600
ns
10
Bus free time between a STOP and a START condition(1)
1.3
µs
Cb
Capacitive load parameter for each bus line Load of 1 pF
corresponds to one nanosecond(1).
10
200
pF
Figure 1. I2C Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com