Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5036RJVR Datasheet(PDF) 60 Page - Texas Instruments

Part # LP5036RJVR
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036RJVR Datasheet(HTML) 60 Page - Texas Instruments

Back Button LP5036RJVR Datasheet HTML 53Page - Texas Instruments LP5036RJVR Datasheet HTML 54Page - Texas Instruments LP5036RJVR Datasheet HTML 55Page - Texas Instruments LP5036RJVR Datasheet HTML 56Page - Texas Instruments LP5036RJVR Datasheet HTML 57Page - Texas Instruments LP5036RJVR Datasheet HTML 58Page - Texas Instruments LP5036RJVR Datasheet HTML 59Page - Texas Instruments LP5036RJVR Datasheet HTML 60Page - Texas Instruments LP5036RJVR Datasheet HTML 61Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
46X (0.55)
46X (0.2)
42X (0.4)
(4.85)
(5.85)
6X (1.23)
6X (1.08)
(R0.05) TYP
(0.715)
TYP
(1.28)
TYP
VQFN - 1 mm max height
RJV0046A
PLASTIC QUAD FLATPACK - NO LEAD
4223948/B 01/2018
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
47
SYMM
TYP
METAL
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
EXPOSED PAD 47:
75% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:12X
SYMM
1
13
14
23
24
36
37
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com