Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953IM/NOPB.B Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2953IM/NOPB.B
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2953IM/NOPB.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2953IM/NOPB.B Datasheet HTML 10Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 11Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 12Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 13Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 14Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 15Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 16Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 17Page - Texas Instruments LP2953IM/NOPB.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP2952 and LP2953 are very high accuracy micropower voltage regulators with low quiescent current (130
μA, typical) and low dropout voltage (typically 60 mV at light loads and 490 mV at 250 mA). They are ideally
suited for use in battery-powered systems.
The LP2952 and LP2953 block diagram contains several features, including:
•
Very high accuracy 1.23-V reference.
•
Internal protection circuitry, such as thermal foldback current limit, thermal shutdown protection, and reverse
battery-input protection.
•
Fixed 5-V and 3.3-V versions.
•
Error flag output which may be used for a power-on reset.
•
Shutdown input, allowing turn off the regulator when the SHUTDOWN pin is pulled low.
LP2953 versions only:
•
An auxiliary comparator is designed for customer special purpose when shutdown is activated, this is a
CMOS- or TTL-compatible output level.
•
Automatic output discharge when the SHUTDOWN pin is pulled low.
7.2 Functional Block Diagrams
Figure 28. LP2952 Block Diagram
14
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com