Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953AIM/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2953AIM/NOPB.B
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2953AIM/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LP2953AIM/NOPB.B Datasheet HTML 1Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 2Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 3Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 4Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 5Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 6Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 7Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 8Page - Texas Instruments LP2953AIM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
5 Pin Configuration and Functions
16 Pins
16 Pins
LP2952 SOIC (D) Package
LP2953 SOIC (D) Package
Top View
Top View
16 Pins
LP2953 PDIP (NBG) Package
Top View
Pin Functions LP2952-N
PIN
I/O
DESCRIPTION
NAME
SOIC(D)
ERROR
6
O
Error signal output
FEEDBACK
14
I
Error amplifier noninverting input
GROUND
1, 8, 9, 16
-
Ground
IN
15
I
Regulator power input
NC
2, 7, 10, 11
-
NC
OUT
3
O
Regulated output voltage
REFERENCE
12
O
Internal reference voltage output
SENSE
4
I
Feedback voltage sense input
SHUTDOWN
5
I
Shutdown input
VTAP
13
I
Internal resistor divider input
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com