Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5036RJVR.A Datasheet(PDF) 22 Page - Texas Instruments

Part # LP5036RJVR.A
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036RJVR.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5036RJVR.A Datasheet HTML 18Page - Texas Instruments LP5036RJVR.A Datasheet HTML 19Page - Texas Instruments LP5036RJVR.A Datasheet HTML 20Page - Texas Instruments LP5036RJVR.A Datasheet HTML 21Page - Texas Instruments LP5036RJVR.A Datasheet HTML 22Page - Texas Instruments LP5036RJVR.A Datasheet HTML 23Page - Texas Instruments LP5036RJVR.A Datasheet HTML 24Page - Texas Instruments LP5036RJVR.A Datasheet HTML 25Page - Texas Instruments LP5036RJVR.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
22
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 3. Chip Address (continued)
SLAVE ADDRESS
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Broadcast
0
0
1
1
1
0
0
1 or 0
8.5.1.5 Control-Register Write Cycle
•
The master device generates a start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The master device sends the control register address (8 bits).
•
The slave device sends an acknowledge signal.
•
The master device sends the data byte to be written to the addressed register.
•
The slave device sends an acknowledge signal.
•
If the master device sends further data bytes, the control register address of the slave is incremented by 1
after the acknowledge signal. To reduce program load time, the device supports address auto incrementation.
The register address is incremented after each 8 data bits.
•
The write cycle ends when the master device creates a stop condition.
Figure 19. Write Cycle
8.5.1.6 Control-Register Read Cycle
•
The master device generates a start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The master device sends the control register address (8 bits).
•
The slave device sends an acknowledge signal.
•
The master device generates a repeated-start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 1).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The slave device sends the data byte from the addressed register.
•
If the master device sends an acknowledge signal, the control-register address is incremented by 1. The
slave device sends the data byte from the addressed register. To reduce program load time, the device
supports address auto incrementation. The register address is incremented after each 8 data bits.
•
The read cycle ends when the master device does not generate an acknowledge signal after a data byte and
generates a stop condition.
Figure 20. Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com