Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5030 Datasheet(PDF) 50 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 46Page - Texas Instruments LP5030 Datasheet HTML 47Page - Texas Instruments LP5030 Datasheet HTML 48Page - Texas Instruments LP5030 Datasheet HTML 49Page - Texas Instruments LP5030 Datasheet HTML 50Page - Texas Instruments LP5030 Datasheet HTML 51Page - Texas Instruments LP5030 Datasheet HTML 52Page - Texas Instruments LP5030 Datasheet HTML 53Page - Texas Instruments LP5030 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
RIREF=
KIREF × VIREF
I(MAX_SET)
=105 ×0.7÷0.015=4900
Ÿ
50
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
Set the LED current to 15 mA using the RIREF resistor.
9.2.2 Detailed Design Procedure
The LP503x device scales up the reference current (IREF) set by the external resistor (RIREF) to sink the output
current (IOUT) at each output port. can be used to calculate the target output current IMAX_SET:
The SCL and SDA lines must each have a pullup resistor placed somewhere on the line (the pullup resistors are
normally located on the bus master). In typical applications, values of 1.8 kΩ to 4.7 kΩ are used, depending on
the bus capacitance, I/O voltage, and the desired communication speed. Selecting a smaller value increases the
pullup speed, but slows the pulldown speed. If they want pull up quickly select the samller one but it will impact
the pull down speed.
VCAP is the internal LDO output pin. This pin must be connected through a 1-μF capacitor to GND. Put the
capacitor as close to the device as possible.
TI recommends having a 1-μF capacitor between VCC and GND to ensure proper operation. Put the capacitor as
close to the device as possible.
9.2.3 Application Curves
The test condition for is that the testing is under bank control, using the following register values: 0x02 (0xFF),
0x04 (0xF0), 0x05 (0xF0), 0x06 (0xF0). The test condition for is that the testing is under bank control, using the
following register values: 0x02 (0xFF), 0x04 (0x0F), 0x05 (0x0F), 0x06 (0x0F).
Figure 79. Current Waveform of OUT0, OUT1, OUT2 and
OUT3
Figure 80. Current Waveform of OUT0, OUT1, OUT2 and
OUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com