Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

215313 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 215313
Description  Off-the-Shelf (OTS) Discrete Wire Cable Assemblies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

215313 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  215313 Datasheet HTML 1Page - Molex Electronics Ltd. 215313 Datasheet HTML 2Page - Molex Electronics Ltd. 215313 Datasheet HTML 3Page - Molex Electronics Ltd. 215313 Datasheet HTML 4Page - Molex Electronics Ltd. 215313 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATASHEET
Mega-Fit 5.70mm Pitch
Mini-Fit Sr. 10.00mm Pitch
Super Sabre 7.50mm Pitch
MultiCat 7.40mm Pitch
SEALED DISCRETE WIRE CABLE ASSEMBLIES
Mizu-P25 (Mini-Type)
2.50mm Pitch
MX150 3.50mm Pitch
Squba 1.80mm Pitch
Squba 3.60mm Pitch
DISCRETE WIRE CABLE ASSEMBLIES
Product
Series No.
Pitch (mm)
Type
Rows
Circuits
Length (mm)
Zero-Hachi
226202
0.80
R-R
Single
2, 4, 6, 8
150, 300, 600
226392
R-S
Pico-Clasp
15133
1.00
R-R
Single
2 to 8
50, 100, 150, 300, 450, 600
Pico-Lock
15131
1.00
R-R
Single
2 and 4
50, 100, 150, 300, 450, 600
15132
1.50
6 to 12
219656
2.00
2 to 6
50, 100, 150, 300, 600
219657
R-S
Micro-Lock Plus
45111
1.25
R-R
Single
2 to 6
50, 100, 150, 300, 450, 600
218101
2.00
2 to 8
50, 100, 150, 300, 600
218102
2 to 6
Pico-EZmate
36920
1.20
R-R
Single
2 to 6
50, 100, 150, 300, 450, 600
CLIK-Mate
224091
1.25
R-R
Single
2 to 10
150, 300, 600
224092
R-S
15135
1.50
R-R
Single
2 to 8
50, 100, 150, 300, 450, 600
Off-the-Shelf (OTS)
Discrete Wire Cable Assemblies
PowerWize 7.50mm Pitch
Standard .093” 6.70mm Pitch
Mini-Fit Max
Mini-Fit Versa Color
UltraWize 13.58mm Pitch
Mini-Fit 4.20mm Pitch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com