Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953AIN Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2953AIN
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2953AIN Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2953AIN Datasheet HTML 2Page - Texas Instruments LP2953AIN Datasheet HTML 3Page - Texas Instruments LP2953AIN Datasheet HTML 4Page - Texas Instruments LP2953AIN Datasheet HTML 5Page - Texas Instruments LP2953AIN Datasheet HTML 6Page - Texas Instruments LP2953AIN Datasheet HTML 7Page - Texas Instruments LP2953AIN Datasheet HTML 8Page - Texas Instruments LP2953AIN Datasheet HTML 9Page - Texas Instruments LP2953AIN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ûVOUT
ûPD
ûVOUT
ûV
ûVOUT
ûV
ûVOUT
ûT
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
6.7 Electrical Characteristics: All Voltage Options
Limits are assured by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
Unless otherwise specified, MIN (minimum) and MAX (maximum) specifications in apply over the full Operating Temperature
Range and TYP (typical) values apply at TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 2.2 μF for 5-V parts and 4.7
μF for 3.3-V parts. FEEDBACK pin is tied to VTAP pin, OUT pin is tied to SENSE pin.
LP2952AI, LP2953AI,
LP2952I, LP2953I,
LP2952AI-3.3, LP2953AI-3.3(1)
LP2952I-3.3, LP2953I-3.3
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REGULATOR
Output voltage
temperature
See(2)
20
100
20
150
ppm/°C
coefficient
TJ = 25°C
0.03%
0.1%
0.03%
0.2%
Output voltage
VIN = VOUT(NOM) + 1 V to 30 V
line regulation
VIN = VOUT(NOM) + 1 V to 30 V
0.03%
0.2%
0.03%
0.4%
TJ = 25°C
0.04%
0.16%
0.04%
0.20%
Output voltage
IOUT = 1 mA to 250 mA
load regulation(3)
IOUT = 0.1 mA to 1 mA
0.04%
0.20%
0.04%
0.30%
TJ = 25°C, IOUT = 1 mA
60
100
60
100
IOUT = 1 mA
60
150
60
150
IOUT = 50 mA
240
300
240
300
IOUT = 50 mA
240
420
240
420
Dropout
VIN – VOUT
mV
voltage(4)
TJ = 25°C, IOUT = 100 mA
310
400
310
400
IOUT = 100 mA
310
520
310
520
TJ = 25°C, IOUT = 250 mA
470
600
470
600
IOUT = 250 mA
470
800
470
800
TJ = 25°C, IOUT = 1 mA
130
170
130
170
μA
IOUT = 1 mA
130
200
130
200
TJ = 25°C, IOUT = 50 mA
1.1
2
1.1
2
IOUT = 50 mA
1.1
2.5
1.1
2.5
Ground pin
IGND
current(5)
TJ = 25°C, IOUT = 100 mA
4.5
6
4.5
6
mA
IOUT = 100 mA
4.5
8
4.5
8
TJ = 25°C, IOUT = 250 mA
21
28
21
28
IOUT = 250 mA
21
33
21
33
VIN = VOUT(NOM) − 0.5 V
165
210
165
210
Ground pin
IGND
current at
μA
IOUT = 100 μA
165
240
165
240
dropout
–40°C
≤ TJ ≤ 125°C
Ground pin
IGND
current at
TJ = 25°C, VSHUTDOWN ≤ 1.1 V
105
140
105
140
μA
shutdown(5)
TJ = 25°C, VOUT = 0
380
500
380
500
ILIMIT
Current limit
mA
VOUT = 0
380
530
380
530
Thermal
TJ = 25°C; see
(6)
0.05
0.2
0.05
0.2
%/W
regulation
(1)
Drive SHUTDOWN pin with TTL or CMOS low level to shut off regulator, high level to turn on regulator.
(2)
Output or reference voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
(3)
Load regulation is measured at constant junction temperature using low duty-cycle pulse testing. Two separate tests are performed, one
for the range of IOUT = 100 μA to 1 mA and one for the range of IOUT =1 mA to 250 mA. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
(4)
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential. At very low values of programmed output voltage, the input voltage minimum of 2 V (2.3 V over temperature) must be
observed.
(5)
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current,
output load current, and current through the external resistive divider (if used).
(6)
Thermal regulation is the change in output voltage at a time t after a change in power dissipation, excluding load or line regulation
effects. Specifications are for a 200-mA load pulse at VIN = VOUT(NOM) + 15 V (3-W pulse) for t = 10 ms.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com