| Electronic Components Datasheet Search |
|
STM32U073MBI6 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073MBI6 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 146 page ![]() Pin Number Pin name (function after reset) Note Alternate functions Additional functions - - 26 26 34 G8 40 H8 PB13 I/O FT_fl TIM1_CH1N, LPTIM3_IN1, I2C2_SCL, SPI2_SCK, USART3_CTS, LPUART1_CTS, TSC_G1_IO2, LCD_SEG13, TIM15_CH1N, EVENTOUT - - - 27 27 35 F8 41 J9 PB14 I/O FT_fl TIM1_CH2N, LPTIM3_ETR, I2C2_SDA, SPI2_MISO, USART3_RTS/USART3_DE, TSC_G1_IO3, LCD_SEG14, TIM15_CH1, EVENTOUT - - - 28 28 36 F7 42 F7 PB15 I/O FT_l RTC_REFIN, TIM1_CH3N, SPI2_MOSI, TSC_G1_IO4, LCD_SEG15, TIM15_CH2, EVENTOUT WKUP7, TAMP_IN3 - - - - - - 43 H9 PD8 I/O FT_l USART3_TX, LPUART3_TX, LCD_SEG28, EVENTOUT - - - - - - - 44 G8 PD9 I/O FT_l LPTIM3_IN1, USART3_RX, LPUART3_RX, LCD_SEG29, EVENTOUT - - - - - - - 45 G9 PD10 I/O FT_la LPTIM3_ETR, USART3_CK, TSC_G6_IO1, LCD_SEG30, LPTIM2_CH2, EVENTOUT COMP2_INP4 - - - - - - 46 F8 PD11 I/O FT_l USART3_CTS, LPUART3_CTS, TSC_G6_IO2, LCD_SEG31, LPTIM2_ETR, EVENTOUT - - - - - - - 47 F9 PD12 I/O FT_fl I2C4_SCL, USART3_RTS/USART3_DE, LPUART3_RTS_DE, TSC_G6_IO3, LCD_SEG32, LPTIM2_IN1, EVENTOUT - - - - - - - 48 E9 PD13 I/O FT_fl I2C4_SDA, TSC_G6_IO4, LCD_SEG33, LPTIM2_CH1, EVENTOUT - - - - - 37 F6 49 E8 PC6 I/O FT_la TIM3_CH1, LPUART2_TX, TSC_G4_IO1, LCD_SEG24, EVENTOUT COMP1_INP5 - - - - 38 E7 50 E6 PC7 I/O FT_l TIM3_CH2, LPTIM3_CH4, LPUART2_RX, TSC_G4_IO2, LCD_SEG25, LPTIM2_CH2, EVENTOUT - - - - - 39 E8 51 E5 PC8 I/O FT_l TIM3_CH3, LPTIM3_CH1, TSC_G4_IO3, LCD_SEG26, EVENTOUT - - - - - 40 D8 52 D9 PC9 I/O FT_l TIM3_CH4, LPTIM3_CH2, TSC_G4_IO4, USB_NOE, LCD_SEG27, EVENTOUT - 18 D3 29 29 41 D7 53 E7 PA8 I/O FT_l MCO, TIM1_CH1, MCO2, USART1_CK, TSC_G7_IO1, LCD_COM0, LPTIM2_CH1, EVENTOUT - 19 C4 30 30 42 C7 54 D7 PA9 I/O FT_fla MCO, TIM1_CH2, I2C1_SCL, I2C2_SCL, USART1_TX, TSC_G7_IO2, LCD_COM1, TIM15_BKIN, EVENTOUT COMP1_INP4 20 E2 31 31 43 C6 55 D8 PA10 I/O FT_fl TIM1_CH3, MCO2, I2C1_SDA, I2C2_SDA, SPI2_NSS, USART1_RX, TSC_G7_IO3, CRS_SYNC, LCD_COM2, EVENTOUT - 21 D1 32 32 44 C8 56 C9 PA11 [PA9] I/O FT_u (3) TIM1_CH4, TIM1_BKIN2, SPI1_MISO, SPI2_MISO, USART1_CTS, COMP1_OUT, EVENTOUT USB_DM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |