Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511MGX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LPV511MGX/NOPB
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511MGX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV511MGX/NOPB Datasheet HTML 10Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 11Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 12Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 13Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 14Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 15Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 16Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 17Page - Texas Instruments LPV511MGX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
CLASS AB
CONTROL
GND
VCC
INN
INP
OUTPUT
Copyright © 2016, Texas Instruments Incorporated
14
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LPV511 is a micropower operational amplifier that operates from a voltage supply range as wide as 2.7 V to
12 V with ensured specifications at 3 V, 5 V, and 12 V. The LPV511 exhibits an excellent speed-to-power ratio,
drawing only 880 nA of supply current with a bandwidth of 27 kHz.
7.2 Functional Block Diagram
7.3 Feature Description
The LPV511 has a rail-to-rail input which provides more flexibility for the system designer. As can be seen from
Functional Block Diagram, rail-to-rail input is achieved by using in parallel, one PNP differential pair and one
NPN differential pair. When the common mode input voltage (VCM) is near V
+, the NPN pair is on and the PNP
pair is off. When VCM is near V
−, the NPN pair is off and the PNP pair is on. When V
CM is between V
+ and V−,
internal logic decides how much current each differential pair will get. This special logic ensures stable and low
distortion amplifier operation within the entire common mode voltage range.
7.4 Device Functional Modes
7.4.1 Input Stage
Because both input stages have their own offset voltage (VOS) characteristic, the offset voltage of the LPV511
becomes a function of VCM. VOS has a crossover point at 1 V below V
+. See the V
OS vs VCM curve in Typical
Characteristics. Caution must be taken in situations where the input signal amplitude is comparable to the VOS
value and/or the design requires high accuracy. In these situations, it is necessary for the input signal to avoid
the crossover point.
The input bias current, IB will change in value and polarity as the input crosses the transition region. In addition,
parameters such as PSRR and CMRR which involve the input offset voltage will also be affected by changes in
VCM across the differential pair transition region.
Differential input voltage is the difference in voltage between the noninverting (+) input and the inverting input (
−)
of the op amp. Due to the three series diodes across the two inputs, the absolute maximum differential input
voltage is ±2.1 V. This may not be a problem to most conventional op amp designs; however, designers must
avoid using the LPV511 as a comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com