Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV821 Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV821
Description  LPV821, 650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV821 Datasheet(HTML) 1 Page - Texas Instruments

  LPV821 Datasheet HTML 1Page - Texas Instruments LPV821 Datasheet HTML 2Page - Texas Instruments LPV821 Datasheet HTML 3Page - Texas Instruments LPV821 Datasheet HTML 4Page - Texas Instruments LPV821 Datasheet HTML 5Page - Texas Instruments LPV821 Datasheet HTML 6Page - Texas Instruments LPV821 Datasheet HTML 7Page - Texas Instruments LPV821 Datasheet HTML 8Page - Texas Instruments LPV821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LOAD
V S
Load
Current
+
VOUT
Vcc
Rshunt
R1
R3
+
Vshunt
R4
LPV821
Vbias
R2
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LPV821
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
LPV821, 650nA, Precision, Nanopower, Zero-Drift Amplifier
1
1 Features
1
•
Quiescent Current: 650 nA
•
Low Offset Voltage: ±10 μV (Maximum)
•
Offset Voltage Drift: ±0.096 μV/°C (Maximum)
•
0.1-Hz to 10-Hz Noise: 3.9 μVPP
•
Input Bias Current: ±7 pA
•
Gain Bandwidth: 8 kHz
•
Supply Voltage: 1.7 V to 3.6 V
•
Rail-to-Rail Input/Output
•
Industry Standard Package
–
Single in 5-pin SOT-23
•
EMI Hardened
2 Applications
•
Battery-Powered Instruments
•
Gas Detection
•
Process Analytics
•
Fault Monitoring
•
Current Sensing
–
Shunt Resistor
–
Current Transformer
•
Temperature Measurements
–
High Impedance Thermistors
–
RTD's, Thermocouples
•
Strain Gauges
–
Electronic Scales
–
Pressure Sensors
3 Description
The LPV821 is a single-channel, nanopower, zero-
drift operational amplifier for “Always ON” sensing
applications in wireless and wired equipment where
low input offset is required. With the combination of
low initial offset, low offset drift, and 8 kHz of
bandwidth from 650 nA of quiescent current, the
LPV821 is the industry's lowest power zero-drift
amplifier that can be used for end equipment that
monitor current consumption, temperature, gas, or
strain gauges.
The LPV821 zero-drift operational amplifier uses a
proprietary
auto-calibration
technique
to
simultaneously provide low offset voltage (10 μV,
maximum)
and
minimal
drift
over
time
and
temperature. In addition to having low offset and
ultra-low quiescent current, the LPV821 amplifier has
pico-amp
bias
currents
which
reduce
errors
commonly
introduced
in
applications
monitoring
sensors with high output impedance and amplifier
configurations with megaohm feedback resistors.
Device Information(1)
PART
NUMBER
CHAN
COUNT
PACKAGE
BODY SIZE (NOM)
LPV821
1
SOT-23 (5)
2.90 mm × 1.60 mm
LPV822 (2)
2
WSON (8)
2.00 mm × 2.00 mm
Precision Nano-Power Amplifier Family
FAMILY
CHAN
COUNT
IQ PER
CHAN
VOS (MAX)
VSUPPLY
LPV821
1
650 nA
10 µV
1.7 to 3.6 V
LPV811
1
450 nA
370 µV
1.6 to 5.5 V
LPV812
2
425 nA
300 µV
1.6 to 5.5 V
OPA369
1,2
800 nA
750 µV
1.8 to 5.5 V
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Planned for near-future release
Low-Side, Always-On Current Sense


Similar Part No. - LPV821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV821 TI1-LPV821 Datasheet
407Kb / 18P
650nA, Precision, Nanopower, Zero-Drift Amplifier
LPV821 TI1-LPV821 Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
LPV821DBVR TI1-LPV821DBVR Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
LPV821 TI1-LPV821_18 Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
More results

Similar Description - LPV821

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Texas Instruments
LPV821 TI1-LPV821 Datasheet
407Kb / 18P
650nA, Precision, Nanopower, Zero-Drift Amplifier
LPV821 TI1-LPV821_18 Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com