Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8557I Datasheet(PDF) 28 Page - Texas Instruments

Part # LP8557I
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557I Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8557I Datasheet HTML 24Page - Texas Instruments LP8557I Datasheet HTML 25Page - Texas Instruments LP8557I Datasheet HTML 26Page - Texas Instruments LP8557I Datasheet HTML 27Page - Texas Instruments LP8557I Datasheet HTML 28Page - Texas Instruments LP8557I Datasheet HTML 29Page - Texas Instruments LP8557I Datasheet HTML 30Page - Texas Instruments LP8557I Datasheet HTML 31Page - Texas Instruments LP8557I Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
8.6.1.7 PGEN
Address: 0x12h
Reset: 0x29h (LP8557I)
D7
D6
D5
D4
D3
D2
D1
D0
PFSET
—
THRESHOLD
PRFEQ[2:0]
Bits
Field
Type
Default
Description
7
PFSET
R/W
0b
Set PWM output frequency via the FSET pin.
0 = PWM output frequency is set with PRFEQ bits. (Default)
1 = PWM output frequency is set with an external, RFSET, resistor.
6:3
reserved
R/O
0101b
5:3
THRESHOLD
R/W
EPROM
Adaptive dimming threshold. PWM dimming is used below threshold, and current
dimming is used above threshold.
000 = 100% current diming
001 = PWM below 1.5625% (6-bit PWM)
010 = PWM below 3.125% (7-bit PWM)
011 = PWM below 6.25% (8-bit PWM)
100 = PWM below 12.5% (9-bit PWM)
101 = PWM below 25% (10-bit PWM)
110 = PWM below 50% (11-bit PWM)
111 = 100 %PWM below (12-bit PWM)
2:0
PFREQ
R/W
001b
PWM output frequency
000 = 4.9 kHz
001 = 9.8 kHz (Default)
010 = 14.6 kHz
011 = 19.5 kHz
100 = 24.4 kHz
101 = 29.3 kHz
110 = 34.2 kHz
111 = 39.1 kHz
The PFSET bit distinguishes how the PWM dimming frequency is set. On the LP8557I (PFSET = 0), the PWM
dimming frequency is 9.8 kHz by default. It may be re-configured via I2C interface by overriding PFREQ bits.
Note that re-configuration must be done every time the power on VDD pin is recycled.
28
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com