Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87622-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP87622-Q1
Description  LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87622-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LP87622-Q1 Datasheet HTML 1Page - Texas Instruments LP87622-Q1 Datasheet HTML 2Page - Texas Instruments LP87622-Q1 Datasheet HTML 3Page - Texas Instruments LP87622-Q1 Datasheet HTML 4Page - Texas Instruments LP87622-Q1 Datasheet HTML 5Page - Texas Instruments LP87622-Q1 Datasheet HTML 6Page - Texas Instruments LP87622-Q1 Datasheet HTML 7Page - Texas Instruments LP87622-Q1 Datasheet HTML 8Page - Texas Instruments LP87622-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5 Pin Configuration and Functions
AGND1
nINT
VIO
VCCA
FB_B2
SCL_I2C1/SCK_SPI
SDA_I2C1/SDI_SPI
AGND2
GPIO1
GPIO3
GPIO7
FB_B1
FB_B4
VOUT_LDO
GPIO8
GPIO2
GPIO4
FB_B3
2
3
4
5
6
7
8
17
9
24
23
22
21
20
19
18
25
1
16
10
26
32
11
12
14
15
27
31
30
28
13
Figure 5-1. RQK Package 32-Pin VQFN-HR Top View
LP8762-Q1
SNVSCV7 – OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP8762-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com