Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV822 Datasheet(PDF) 5 Page - Texas Instruments

Part # LPV822
Description  LPV821, 650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV822 Datasheet(HTML) 5 Page - Texas Instruments

  LPV822 Datasheet HTML 1Page - Texas Instruments LPV822 Datasheet HTML 2Page - Texas Instruments LPV822 Datasheet HTML 3Page - Texas Instruments LPV822 Datasheet HTML 4Page - Texas Instruments LPV822 Datasheet HTML 5Page - Texas Instruments LPV822 Datasheet HTML 6Page - Texas Instruments LPV822 Datasheet HTML 7Page - Texas Instruments LPV822 Datasheet HTML 8Page - Texas Instruments LPV822 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
LPV821
www.ti.com
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
TA = 25°C, VS = 1.8 V to 3.3 V, VCM = VOUT = VS/2, and RL≥ 10 MΩ to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 3.3 V
±1.5
±10
μV
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C, VS = 3.3 V
±0.02
±0.096
μV/°C
PSRR
Power-supply rejection ratio
VS = 1.8 V to 3.3 V
0.4
4.5
μV/V
INPUT
BIAS CURRENT
IB
Input bias current
+IN
TA= 25°C
7
pA
TA= 125°C
7
-IN
TA= 25°C
-7
TA= 125°C
-250
IOS
Input offset current
14
pA
NOISE
En
Input voltage noise
f = 0.1 Hz to 10 Hz
3.9
μVPP
en
Input voltage noise density
f = 100 Hz
215
nV/
√Hz
in
Input current noise density
f = 100 Hz
1
fA/
√Hz
INPUT
VOLTAGE
VCM
Common-mode voltage range
(V–)
(V+)
V
CMRR
Common-mode rejection ratio
(V–)
≤ VCM ≤ (V+), VS = 3.3 V
100
125
dB
INPUT
CAPACITANCE
Differential
3.3
pF
Common-mode
3.7
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.1 V
≤ VO ≤ (V+) – 0.1 V, RL = 100 kΩ to VS / 2
135
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 20 pF, RL = 10 MΩ
8
kHz
SR
Slew rate
G = +1, CL = 20 pF
3.3
V/ms
OUTPUT
VOH
Voltage output swing from
positive rail
RL = 100 kΩ to V
+/2, V
S = 3.3 V
12
mV
VOL
Voltage output swing from
negative rail
RL = 100 kΩ to V
+/2, V
S = 3.3 V
12
ISC
Short-circuit current
Sourcing, VO to V–, VIN (diff) = 100 mV, VS = 3.3 V
21
mA
Sinking, VO to V+, VIN (diff) = –100 mV, VS = 3.3 V
50
CL
Capacitive load drive
See
Table 1
ZO
Open-loop output impedance
ƒ = 100 Hz, IO = 0 A
80
k
Ω
POWER
SUPPLY
IQ
Quiescent current per channel
VCM = VS/2, IO = 0, VS = 3.3 V
650
790
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com