Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073M8Y6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32U073M8Y6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073M8Y6 Datasheet(HTML) 5 Page - STMicroelectronics

  STM32U073M8Y6 Datasheet HTML 1Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 2Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 3Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 4Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 5Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 6Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 7Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 8Page - STMicroelectronics STM32U073M8Y6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
Peripherals
STM32U073Mx
STM32U073Rx
STM32U073Cx
STM32U073Hx STM32U073Kx
GPIOs
Wakeup pins
68/69(1)
6
53
6
39
6
33
4
27
3
Capacitive sensing
Number of channels
21
18
12
9
8
12-bit ADC
Number of channels
1
16
1
10
12-bit DAC
1
Internal voltage reference buffer
Yes
No
Analog comparators
2
Operational amplifier
1
Max. CPU frequency (MHz)
56
Operating voltage (VDD)
1.71 to 3.6 V
Operating temperature
Ambient operating temperature:-40 to 85 °C/-40 to 125 °C
Junction temperature:-40 to 105 °C/-40 to 130 C
Packages
LQFP80,
UFBGA81
LQFP64,
UFBGA64
LQFP48,
UFBGA48
WLCSP42
UFQFPN32
1. LQFP80 and UFBGA81 offer 68 and 69 GPIOs, respectively.
STM32U073x8/B/C
Description
DS14548 - Rev 2
page 5/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com