Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC508AP Datasheet(PDF) 5 Page - Texas Instruments

Part # MPC508AP
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPC508AP Datasheet(HTML) 5 Page - Texas Instruments

  MPC508AP Datasheet HTML 1Page - Texas Instruments MPC508AP Datasheet HTML 2Page - Texas Instruments MPC508AP Datasheet HTML 3Page - Texas Instruments MPC508AP Datasheet HTML 4Page - Texas Instruments MPC508AP Datasheet HTML 5Page - Texas Instruments MPC508AP Datasheet HTML 6Page - Texas Instruments MPC508AP Datasheet HTML 7Page - Texas Instruments MPC508AP Datasheet HTML 8Page - Texas Instruments MPC508AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MPC508A, MPC509A
5
SBFS019A
www.ti.com
Differential Multiplexer Static Accuracy
Static accuracy errors in a differential multiplexer are diffi-
cult to control, especially when it is used for multiplexing
low-level signals with full-scale ranges of 10mV to 100mV.
The matching properties of the multiplexer, source and
output load play a very important part in determining the
transfer accuracy of the multiplexer. The source impedance
unbalance, common-mode impedance, load bias current mis-
match, load differential impedance mismatch, and common-
mode impedance of the load all contribute errors to the
multiplexer. The multiplexer ON resistance mismatch, leak-
age current mismatch and ON resistance also contribute to
differential errors.
The effects of these errors can be minimized by following the
general guidelines described in this section, especially for
low-level multiplexing applications. Refer to Figure 2.
Load (Output Device) Characteristics
•
Use devices with very low bias current. Generally, FET
input amplifiers should be used for low-level signals less
than 50mV FSR. Low bias current bipolar input amplifi-
ers are acceptable for signal ranges higher than 50mV
FSR. Bias current matching will determine the input
offset.
•
The system dc common-mode rejection (CMR) can never
be better than the combined CMR of the multiplexer and
driven load. System CMR will be less than the device
which has the lower CMR figure.
•
Load impedances, differential and common-mode, should
be 1010
Ω or higher.
DISCUSSION OF
PERFORMANCE
DC CHARACTERISTICS
The static or dc transfer accuracy of transmitting the multi-
plexer input voltage to the output depends on the channel ON
resistance (R
ON), the load impedance, the source impedance,
the load bias current and the multiplexer leakage current.
Single-Ended Multiplexer Static Accuracy
The major contributors to static transfer accuracy for single-
ended multiplexers are:
Source resistance loading error;
Multiplexer ON resistance error;
and, dc offset error caused by both load bias current and
multiplexer leakage current.
Resistive Loading Errors
The source and load impedances will determine the input
resistive loading errors. To minimize these errors:
•
Keep loading impedance as high as possible. This mini-
mizes the resistive loading effects of the source resis-
tance and multiplexer ON resistance. As a guideline, load
impedances of 108
Ω, or greater, will keep resistive load-
ing errors to 0.002% or less for 1000
Ω source imped-
ances. A 106
Ω load impedance will increase source
loading error to 0.2% or more.
•
Use sources with impedances as low as possible. 1000
Ω
source resistance will present less than 0.001% loading
error and 10k
Ω source resistance will increase source
loading error to 0.01% with a 108 load impedance.
Input resistive loading errors are determined by the follow-
ing relationship (see Figure 1).
Source and Multiplexer Resistive Loading Error
∈+
=
+
++
×
()
%
RR
RR
RR
R
SON
SON
SON
L
100
where R
S = source resistance
R
L = load resistance
R
ON = multiplexer ON resistance
Input Offset Voltage
Bias current generates an input OFFSET voltage as a result
of the IR drop across the multiplexer ON resistance and
source resistance. A load bias current of 10nA will generate
an offset voltage of 20
µV if a 1kΩ source is used. In general,
for the MPC508A, the OFFSET voltage at the output is
determined by:
V
OFFSET = (IB + IL) (RON + RS)
where I
B = Bias current of device multiplexer is driving
I
L = Multiplexer leakage current
R
ON = Multiplexer ON resistance
R
S = source resistance
Z
L
R
S4A
R
S48
R
OFF4A
R
OFF4B
C
CM
R
S1
R
S1B
R
ON1A
R
ON1B
I
L
Cd/2
Cd/2
R
CM
Rd/2
Rd/2
I
BIAS A
I
BIAS B
R
CM4
R
CM1
V
S1
V
S8
I
LB
FIGURE 2. MPC509A DC Accuracy Equivalent Circuit.
R
S1
R
S8
R
ON
R
OFF
V
S1
V
S8
Z
L
Measured
Voltage
I
L
V
M
I
BIAS
FIGURE 1. MPC508A DC Accuracy Equivalent Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com