Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-4SX3 Datasheet(PDF) 1 Page - Multicomp Pro

Part # LED-4SX3
Description  LED Holder Ø5 3pin Quadrate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LED-4SX3 Datasheet(HTML) 1 Page - Multicomp Pro

  LED-4SX3 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
03/01/20
LED Holder
Ø5 3pin Quadrate
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Features
• Stand LED lamp on circuit board
• Pad LED with distance from circuit board
• Suit for 5mm 3 pin LED lamp
Specifications
Material
: Nylon 66 (UL)
Flame Class
: 94V-2
Colour
: Natural
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
A
(mm)
B
(mm)
D
(mm) Part Number
Ø5 3pin Quadrate LED Holder
5
7.4
6
LED-5Sx3
4.4
7.4
6
LED-4Sx3
5.5
7.4
6.5
LED-5x3
5
7.4
7.7
LED-5Kx3
7
7.4
8
LED-7x3
8
7.4
9
LED-8x3
8.5
7.4
9.5
LED-8Mx3
10.5
7.4
11.5
LED-10x3
13.8
7.1
16.1
LED-16x3


Similar Part No. - LED-4SX3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED-40W ETC2-LED-40W_17 Datasheet
852Kb / 3P
Switch Mode LED Drivers
More results

Similar Description - LED-4SX3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE6809 A-POWER-APE6809 Datasheet
171Kb / 9P
3PIN MICROPROCESSOR RESET CIRCUIT
logo
ERNI Electronics
224888 ERNI-224888 Datasheet
34Kb / 1P
CCCS M8, 3pin / pigtail
224891 ERNI-224891 Datasheet
33Kb / 1P
CCCS M8, 3pin / pigtail
224892 ERNI-224892 Datasheet
36Kb / 1P
CCCS M8, 3pin / pigtail
224894 ERNI-224894 Datasheet
35Kb / 1P
CCCS M8, 3pin / pigtail
224896 ERNI-224896 Datasheet
37Kb / 1P
CCCS M8, 3pin / M8, 3pin
224897 ERNI-224897 Datasheet
39Kb / 1P
CCCS M8, 3pin / M8, 3pin
254773 ERNI-254773 Datasheet
678Kb / 1P
M12, 3pin / M8, 3pin
254777 ERNI-254777 Datasheet
662Kb / 1P
M8, 3pin / M12, 3pin
logo
SparkFun Electronics
COM-11841 SPARKFUN-COM-11841 Datasheet
200Kb / 1P
LED Holder - 10mm
5??5??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com