Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1P6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC6V1P6
Description  ASD (Application Specific Devices) Low capacitance TRANSIL??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1P6 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC6V1P6 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1P6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
ESDALC6V1Px
2/9
1
Characteristics
Table 1.
Absolute ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
VPP
(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
±8
±15
kV
PPP
Peak pulse power (8/20 µs)(1) Tj initial = Tamb
30
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Top
Operating temperature range
-40 to +150
°C
Table 2.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Part Number
VBR@ IR
IRM @ VRM
Rd
αTC
min.
max.
max.
typ.
typ.
typ.@ 3V
VV
mA
µA
V
Ω
10-4/°C
pF
ESDALC6V1P3
ESDALC6V1P5
ESDALC6V1P6
6.1
7.2
1
0.1
3
1.5
4.5
7.5
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com