Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV7 Datasheet(PDF) 1 Page - E-SWITCH

Part # PV7
Description  PV7 Series Anti-vandal Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV7 Datasheet(HTML) 1 Page - E-SWITCH

  PV7 Datasheet HTML 1Page - E-SWITCH PV7 Datasheet HTML 2Page - E-SWITCH PV7 Datasheet HTML 3Page - E-SWITCH PV7 Datasheet HTML 4Page - E-SWITCH PV7 Datasheet HTML 5Page - E-SWITCH PV7 Datasheet HTML 6Page - E-SWITCH PV7 Datasheet HTML 7Page - E-SWITCH PV7 Datasheet HTML 8Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
PV7 Series Anti-vandal Switch
Specifications subject to change without notice
• 22mm diameter panel cutout
• RGB LED option
• Dot, ring or power symbol illumination available
• Multiple function options
• IP65 rated
• SPDT
Electrical Rating: 2A, 48VDC
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 1000 MΩ Min. @ 500VDC
Dielectric Strength: 2,000VAC
Operating/Storage Temperature: -20°C to 55°C
Travel: 2.20mm
Moisture Protection: IP65
Contact Arrangement: SPDT
Actuation Force: 4 N
Panel Thickness: 1-8mm for Y Function
1-12mm for T function
Mounting Nut Torque: 5-14Nm
PV7
F - Flat
0 - 2A,
48VDC
N - Nickel
Plated
S - Stainless
Steel
1 - Black
Anodized
M01 - Power
symbol (sm)
laser etched
M03 - Power
symbol illumi-
nated
M16 - Power
symbol (lg)
laser etched
Series
Actuator
Options
Rating
Options
Body
Finish
Options
Graphic
(Optional)
Medical Equipment
2 - Solder
Terminal
Options
T -
1 Pole Off - On
1 Pole On - Off
Y -
1 Pole Off - (On)
1 Pole On - (Off)
Function
Options
N - Nickel
Plated
S - Stainless
Steel
1 - Black
Anodized
Actuator
Finish
Options
NONE - Non-
Illuminated
2 - Dot
Illumination
3 - Ring
Illumination
Lens
Style
Options
NONE- Non-
Illuminated
0 - White
1 - Red
2 - Orange
3 - Green
4 - Blue
5 - Yellow
F - Red/Orange
G - Red/Green
H - Red/Blue
J - Red/Yellow
K - Orange/Green
L - Orange/Blue
M - Orange/Yellow
R - RGB LED
LED-
Color
Options
NONE - Non-
Illuminated
1 - Base Voltage
3 - 6V
4 - 12V
5 - 24V
6 - 125V
7 - 250V
Illumination
Voltage
Options
NOTES:
*( ) denotes function is momentary


Similar Part No. - PV7

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV7 E-SWITCH-PV7 Datasheet
138Kb / 1P
Vandal and Water Resistant, TEMPERATURE: -20째C to 70째C, CONTACT RESISTANCE: 50mOHM Max.
logo
List of Unclassifed Man...
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
logo
ITT Industries
PV70A10-32AWL ITT-PV70A10-32AWL Datasheet
529Kb / 10P
Series 2 Connectors PV
PV70A10-32BWL ITT-PV70A10-32BWL Datasheet
529Kb / 10P
Series 2 Connectors PV
PV70A10-32PWL ITT-PV70A10-32PWL Datasheet
529Kb / 10P
Series 2 Connectors PV
More results

Similar Description - PV7

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com