Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV28 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV28
Description  SILICON NPN SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV28 Datasheet(HTML) 1 Page - STMicroelectronics

  BUV28 Datasheet HTML 1Page - STMicroelectronics BUV28 Datasheet HTML 2Page - STMicroelectronics BUV28 Datasheet HTML 3Page - STMicroelectronics BUV28 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUV28
SILICON NPN SWITCHING TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
s
VERY LOW SATURATION VOLTAGE
s
FAST TURN-OFF AND TURN-ON
APPLICATIONS:
s
SWITCHING REGULATORS
s
SOLENOID / RELAY DRIVERS
DESCRIPTION
High speed transistor suited for low voltage
applications.
High
frequency
and
efficiency
converters
switching regulators motor control.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage (IE = 0)
400
V
VCEO
Collector-Emitter Voltage (IB = 0)
200
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
10
A
ICM
Collector Peak Current
15
A
IB
Base Current
2
A
IBM
Base Peak Current
4
A
Ptot
Total Dissipation at Tc < 25
oC85
W
Ptot
Total Dissipation at Tc < 60
o C65
W
Tstg
Storage Temperature
-65 to +175
oC
Tj
Max. Operating Junction Temperature
175
oC
1
2
3
TO-220
1/4


Similar Part No. - BUV28

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
POWER TRANSISTORS(10A,200V,80W)
logo
STMicroelectronics
BUV28 STMICROELECTRONICS-BUV28 Datasheet
57Kb / 4P
NPN SWITCHING TRANSISTOR
Mar-2003
logo
Savantic, Inc.
BUV28 SAVANTIC-BUV28 Datasheet
90Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
BUV28 SEME-LAB-BUV28 Datasheet
20Kb / 2P
NPN SWITCHING TRANSISTOR
logo
Inchange Semiconductor ...
BUV28 ISC-BUV28 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV28

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com