Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN1AS10ML2-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN1AS10ML2-R
Description  Small circular connector, 10 pos., Panel mount receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN1AS10ML2-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JN1AS10ML2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN1AS10ML2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN1AS10ML2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN1AS10ML2-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JN1AS10ML2-R
Features
Small circular connector, 10 pos., Panel mount receptacle
Part Number
JN1AS10ML2-R
Status
Active
Number of Positions
10 pos.
Rated Current
3A
Rated Voltage
  
Waterproof/ Non-waterproof
IP67 (individually waterproofed)
Applications
Industrial equipment interface  
Connector Type
Panel mount receptacle
Connector Style
  
Contact Type
Pin
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
22 max.
Coupling Style
One-touch locking
Contact Size
#22
Shell Size
S
Contact Arrangement Code
  
Product Details


Similar Part No. - JN1AS10ML2-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1AS10ML2- JAE-JN1AS10ML2- Datasheet
388Kb / 22P
Small Circular Connector
More results

Similar Description - JN1AS10ML2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-03PMMS-LC-WP-R ASSMANN-A-CR-03PMMS-LC-WP-R Datasheet
257Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-04BFFA-L180-WP-R ASSMANN-A-CR-04BFFA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-04PMMS-LC-WP-R ASSMANN-A-CR-04PMMS-LC-WP-R Datasheet
260Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-05BMMA-L180-WP-R ASSMANN-A-CR-05BMMA-L180-WP-R Datasheet
253Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05PMMS-LC-WP-R ASSMANN-A-CR-05PMMS-LC-WP-R Datasheet
260Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
logo
Japan Aviation Electron...
JN1 JAE-JN1 Datasheet
388Kb / 22P
Small Circular Connector
logo
Tyco Electronics
5750071-1 MACOM-5750071-1 Datasheet
74Kb / 1P
RECEPTACLE ASSY, FRONT PANEL GROUNDING, 6 POS, RIGHT ANGLE, MINIATURE CIRCULAR DIN
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
Small Circular Connector
logo
Kycon, Inc.
KCDX KYCON-KCDX Datasheet
941Kb / 1P
Circular Din Panel Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com