Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV298AV Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV298AV
Description  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV298AV Datasheet(HTML) 1 Page - STMicroelectronics

  BUV298AV Datasheet HTML 1Page - STMicroelectronics BUV298AV Datasheet HTML 2Page - STMicroelectronics BUV298AV Datasheet HTML 3Page - STMicroelectronics BUV298AV Datasheet HTML 4Page - STMicroelectronics BUV298AV Datasheet HTML 5Page - STMicroelectronics BUV298AV Datasheet HTML 6Page - STMicroelectronics BUV298AV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUV298AV
NPN TRANSISTOR POWER MODULE
s
HIGH CURRENT POWER BIPOLAR MODULE
s
VERY LOW Rth JUNCTION CASE
s
SPECIFIED ACCIDENTAL OVERLOAD
AREAS
s
ISOLATED CASE (2500V RMS)
s
EASY TO MOUNT
s
LOW INTERNAL PARASITIC INDUCTANCE
INDUSTRIAL APPLICATIONS:
s
MOTOR CONTROL
s
SMPS & UPS
s
WELDING EQUIPMENT
INTERNAL SCHEMATIC DIAGRAM
September 1997
ISOTOP
Pin 4 not connected
ABSOLUTE MAXIMUM RATINGS
Symbol
Parame ter
Value
Unit
VCEV
Collector-Emitter Voltage (VBE = -5 V)
1000
V
VCEO(sus) Collector-Emitter Voltage (IB = 0)
450
V
VEBO
Emitter-Base Voltage (IC =0)
7
V
IC
Collector Current
50
A
ICM
Collector Peak Current (tp =10 ms)
75
A
IB
Base Current
10
A
IBM
Base Peak Current (tp =10 ms)
16
A
Ptot
Tot al Dissipation at Tc =25
oC
250
W
Tstg
Storage Temperature
-55 to 150
oC
Tj
Max. Ope ra ting Ju nction Temperature
150
oC
VISO
Insulation Withstand Voltage (AC-RMS)
2500
oC
1/7


Similar Part No. - BUV298AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV298AV STMICROELECTRONICS-BUV298AV Datasheet
395Kb / 7P
NPN TRANSISTOR POWER MODULE
Oct-2001
logo
Inchange Semiconductor ...
BUV298AV ISC-BUV298AV Datasheet
527Kb / 3P
NPN Transistor Power Module
logo
STMicroelectronics
BUV298AV STMICROELECTRONICS-BUV298AV_01 Datasheet
395Kb / 7P
NPN TRANSISTOR POWER MODULE
Oct-2001
More results

Similar Description - BUV298AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUT232V STMICROELECTRONICS-BUT232V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUT32V STMICROELECTRONICS-BUT32V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV298V STMICROELECTRONICS-BUV298V Datasheet
103Kb / 7P
NPN TRANSISTOR POWER MODULE
Jun-1997
BUV98AV STMICROELECTRONICS-BUV98AV Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV98V STMICROELECTRONICS-BUV98V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUF460AV STMICROELECTRONICS-BUF460AV_03 Datasheet
368Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUT30V STMICROELECTRONICS-BUT30V_03 Datasheet
340Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUT232V STMICROELECTRONICS-BUT232V_03 Datasheet
348Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUV98AV STMICROELECTRONICS-BUV98AV_03 Datasheet
358Kb / 7P
NPN TRANSISTOR POWER MODULE
Mar-2003
BUV298V STMICROELECTRONICS-BUV298V_06 Datasheet
337Kb / 12P
NPN transistor power module
27-Nov-2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com