Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4008321908766 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 4008321908766
Description  DULUX S 7 W/827
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4008321908766 Datasheet(HTML) 4 Page - OSRAM GmbH

  4008321908766 Datasheet HTML 1Page - OSRAM GmbH 4008321908766 Datasheet HTML 2Page - OSRAM GmbH 4008321908766 Datasheet HTML 3Page - OSRAM GmbH 4008321908766 Datasheet HTML 4Page - OSRAM GmbH 4008321908766 Datasheet HTML 5Page - OSRAM GmbH 4008321908766 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Spectral power distribution
Base (standard designation)
G23
Appropriate disposal acc. to WEEE
Yes
Capabilities
Suitable for indoor
Yes
Certificates & standards
Energy efficiency class
B
Country specific categorizations
ILCOS
FSD-7/827-I-G23
Country specific information
Product code
METEL code
SEG number
STK number
UK Org
4050300005997
OSRDS7827
8330008
4933850
-
4050300006086
OSRDS7827BLI
-
-
-
Product datasheet
__
August 25, 2014, 16:43:42
© 2014, OSRAM GmbH. All rights reserved.
DULUX S 7 W/827
Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com