Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0801621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801621
Description  CES-LRG-BK-16 - Cable sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801621 Datasheet HTML 1Page - PHOENIX CONTACT 0801621 Datasheet HTML 2Page - PHOENIX CONTACT 0801621 Datasheet HTML 3Page - PHOENIX CONTACT 0801621 Datasheet HTML 4Page - PHOENIX CONTACT 0801621 Datasheet HTML 5Page - PHOENIX CONTACT 0801621 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable sleeve, large, no. of conductors: 1, type: Round cable, slotted, external cable diameter: 1x
15 mm ... 16 mm, material: NBR, color: black, length: 53 mm, width: 39 mm, height: 17 mm
Product description
Slotted sleeves for accommodating preassembled cables and lines with a diameter of 15 mm ... 16 mm, can be used in CES sealing frames.
Commercial data
Item number
0801621
Packing unit
10 pc
Minimum order quantity
1 pc
Sales key
BF67
Product key
AF7CCX
GTIN
4046356674263
Weight per piece (including packing)
34.24 g
Weight per piece (excluding packing)
34.24 g
Customs tariff number
40169997
Country of origin
TW
CES-LRG-BK-16 - Cable sleeve
0801621
https://www.phoenixcontact.com/us/products/0801621
Sep 26, 2025, 6:27AM
Page 1 (6)


Similar Part No. - 0801621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801620 PHOENIX-0801620 Datasheet
67Kb / 3P
Cable sleeve - CES-SRG-BK-10
09/11/2020
0801622 PHOENIX-0801622 Datasheet
229Kb / 6P
CES-SRG-BK-9 - Cable sleeve
0801624 PHOENIX-0801624 Datasheet
240Kb / 6P
CES-LRG-BK-17 - Cable sleeve
0801625 PHOENIX-0801625 Datasheet
236Kb / 6P
CES-SRG-BK-8 - Cable sleeve
0801626 PHOENIX-0801626 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-18
09/11/2020
More results

Similar Description - 0801621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801626 PHOENIX-0801626 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-18
09/11/2020
0801631 PHOENIX-0801631 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-20
09/11/2020
0801637 PHOENIX-0801637 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-22
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801644 PHOENIX-0801644 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-27
09/11/2020
0801646 PHOENIX-0801646 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-28
09/11/2020
0801648 PHOENIX-0801648 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-29
09/11/2020
0801650 PHOENIX-0801650 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-30
09/11/2020
0801654 PHOENIX-0801654 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-32
09/11/2020
0801634 PHOENIX-0801634 Datasheet
52Kb / 3P
Cable sleeve - CES-LRG-BK-21
12/11/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com