Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDE264 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DDE264
Description  DULUX D/E 26 W/840
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DDE264 Datasheet(HTML) 5 Page - OSRAM GmbH

  DDE264 Datasheet HTML 1Page - OSRAM GmbH DDE264 Datasheet HTML 2Page - OSRAM GmbH DDE264 Datasheet HTML 3Page - OSRAM GmbH DDE264 Datasheet HTML 4Page - OSRAM GmbH DDE264 Datasheet HTML 5Page - OSRAM GmbH DDE264 Datasheet HTML 6Page - OSRAM GmbH DDE264 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Lamp-ECG combination (System)
Product name
Product name ECG
EAN
Nominal current
Nominal wattage
+ Power loss
Luminous flux at
25 °C
Number of
lighting outlets
DULUX D/E 26W/840 G24Q-3
QT-ECO 1x26/220-240 S
4008321065971
0.18 A
23.50 W
1600 lm
1
QT-ECO T/E 2x26/220-240
4050300804002
0.25 A
53.00 W
3500 lm
2
QT-M 2x26-42/220-240 S
4008321110022
0.23 A
54.00 W
2*1800 lm
2
QTP-M 1x26-42
4008321329134
0.12 A
27.00 W
1750 lm
1
QTP-M 2x26-32
4008321329158
0.24 A
53.00 W
2*1750 lm
2
QTP-T/E (1x26-42), 2x26
4008321537089
0.24 A
54.00 W
2*1750 lm
2
QTP-T/E 1x26-42, (2x26)
4008321537089
0.13 A
28.00 W
1750 lm
1
QTi DALI-T/E 1x18-57 DIM
4008321060808
0.13 A
29.00 W
1800 lm
1
QTi DALI-T/E 2x18-42 DIM
4008321060822
0.25 A
56.00 W
2*1800 lm
2
QTi-T/E 1x18-57 DIM
4008321060860
0.13 A
29.00 W
1800 lm
1
QTi-T/E 2x18-42 DIM
4008321060846
0.25 A
56.00 W
2*1800 lm
2
Product datasheet
__
August 25, 2014, 17:40:42
© 2014, OSRAM GmbH. All rights reserved.
DULUX D/E 26 W/840
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com