Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV46 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV46
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV46 Datasheet(HTML) 1 Page - STMicroelectronics

  BUV46 Datasheet HTML 1Page - STMicroelectronics BUV46 Datasheet HTML 2Page - STMicroelectronics BUV46 Datasheet HTML 3Page - STMicroelectronics BUV46 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUV46
BUV46A
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
NPN TRANSISTORS
s
HIGH VOLTAGE CAPABILITY
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
FAST SWITCHING SPEED
APPLICATIONS
s
GENERAL PURPOSE SWITCHING
s
SWITCH MODE POWER SUPPLIES
s
ELECTRONIC BALLASTS FOR
FLUORESCENT LIGHTING
DESCRIPTION
The devices are silicon Multiepitaxial Mesa NPN
transistors in the Jedec TO-220 plastic package
intended
for
high
voltage,
fast
switching
applications.
®
INTERNAL SCHEMATIC DIAGRAM
January 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BUV46
BUV46A
VCES
Collector-Emitter Voltage (VBE = 0)
850
1000
V
VCEX
Collector-Emitter Voltage (VBE = -2.5V)
850
1000
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
450
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
5
A
IB
Base Current
3
A
Ptot
Total Dissipation at Tc = 25
oC70
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220
1/4


Similar Part No. - BUV46

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV46 MOSPEC-BUV46 Datasheet
115Kb / 3P
POWER TRANSISTORS(6A,400-450V,70W)
logo
Advanced Analogic Techn...
BUV46 ANALOGICTECH-BUV46 Datasheet
74Kb / 1P
POWER TRANSISTORS
logo
Savantic, Inc.
BUV46 SAVANTIC-BUV46 Datasheet
96Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUV46 ISC-BUV46 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUV46 SAVANTIC-BUV46 Datasheet
97Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV46

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
High Voltage NPN Silicon Power Transistors
logo
Comset Semiconductor
2N6249 COMSET-2N6249 Datasheet
387Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
NPN Silicon High-Voltage Power Transistors
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
High Voltage NPN Silicon Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com