Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2829 Datasheet(PDF) 1 Page - Sumida Corporation

Part # LF2829
Description  AC COMMON MODE COIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2829 Datasheet(HTML) 1 Page - Sumida Corporation

  LF2829 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2829/MS
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆
Product Description
・
30.5×21.5mm Max.(L×W), 36.0mm Max. Height .
・
Inductance range: 18mH
・
Rated current range: 1.3A
・
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆
Feature
・
Large inductance is possible with closed magnetic core.
・
Inexpensive type.
・
Excellent attenuation characteristics in low frequency range.
・
Ideally used in TV,VCR,AV,OA equipment for noise prevention.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Schematics (Bottom)
*
Winding start is #1,#4 or #2,#3.
*
#1&#4, #2&#3:should have same
polarity.
*
Dimension does not include solder used on coil.
*
Terminal pitch is measured at the base(not from tip of the pin)
◆
Specification ( Part No. ECH-21-116871)
Measuring conditions
Inductance
(1-2) and (4-3)
18.0mH Min.
1kHz,0.1V
D.C.R.
(1-2) and (4-3)
317mΩ±20%
At 20℃
Rated current
※
1
1.3A
Inductance Difference (1-2)-(3-4)
410μH Max.
1kHz,0.1V
HI-POT
(1,2)-(3,4)
AC 2000Vrms
1min 0.5mA
HI-POT
(1,2,3,4)-Core
AC 2000Vrms
1min 0.5mA
Insulation test
(1,2)-(3,4)
(1,2,3,4)-Core
100mΩ Min.
DC 500V 1min
※
1. Rated current: The AC current at which the temperature rise is △t=40℃.(Ta=20℃).
①
②
③
④
21.0 0.5
4- 0.8 0.1
11.0±0.5


Similar Part No. - LF2829

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LF2823 SUMIDA-LF2823 Datasheet
122Kb / 1P
AC COMMON MODE COIL
LF2823 SUMIDA-LF2823 Datasheet
129Kb / 1P
AC Commom mode coil
LF2823NP-123 SUMIDA-LF2823NP-123 Datasheet
129Kb / 1P
AC Commom mode coil
LF2823NP-182 SUMIDA-LF2823NP-182 Datasheet
129Kb / 1P
AC Commom mode coil
LF2823NP-223 SUMIDA-LF2823NP-223 Datasheet
129Kb / 1P
AC Commom mode coil
More results

Similar Description - LF2829

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
AC COMMON MODE COIL
UU16LF SUMIDA-UU16LF_06 Datasheet
135Kb / 2P
AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C Datasheet
174Kb / 1P
AC COMMON MODE COIL
PFD1617 SUMIDA-PFD1617 Datasheet
125Kb / 1P
AC COMMON MODE COIL
LF2020B SUMIDA-LF2020B Datasheet
127Kb / 2P
AC COMMON MODE COIL
LF2429 SUMIDA-LF2429 Datasheet
162Kb / 1P
AC COMMON MODE COIL
LF2628 SUMIDA-LF2628 Datasheet
130Kb / 2P
AC COMMON MODE COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com