Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM6DSOX
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 24Page - STMicroelectronics LSM6DSOX Datasheet HTML 25Page - STMicroelectronics LSM6DSOX Datasheet HTML 26Page - STMicroelectronics LSM6DSOX Datasheet HTML 27Page - STMicroelectronics LSM6DSOX Datasheet HTML 28Page - STMicroelectronics LSM6DSOX Datasheet HTML 29Page - STMicroelectronics LSM6DSOX Datasheet HTML 30Page - STMicroelectronics LSM6DSOX Datasheet HTML 31Page - STMicroelectronics LSM6DSOX Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ST provides a full range of NFC-, eSE-
and GSMA-certified eSIM products
and solutions to address secure mobile
transactions applications. Previously
offered separately, they are now available
as fully integrated solutions combining an
NFC controller, eSE, and eSIM, thereby
enabling new design opportunities.
• ST33 SIM, eSIM, and eSE
ST33 for eSIM and eSE applications
ST33 secure microcontrollers meet the
advanced security and performance
requirements for secure applications,
including embedded SIM and embedded
NFC secure elements with a large user
flash memory capability.
MEMORY/SIM SUBSYSTEM BILL OF MATERIAL
MEMORY/SIM SUBSYSTEM BLOCK DIAGRAM
USBULC6-2M6*
ESDAVLC5-4BX4
eSIM
SIM Protection
ST33
Note *: Full production 2023
KEY FEATURES ST33
• Up to 2 Mbytes Flash
• Delivered in multiple
packages (WLCSP, MFF2,
DFN8)
• GSMA SAS-UP certified
flow
• EMVCo, CC EAL5+, MTPS
certified
An eSIM is a surface-mounted device soldered directly on the PCB,
which enables OEMs to design smaller and thinner mobile devices and
end-users to subscribe to the mobile network operator of their choice.
Remote provisioning of the SIM application inside the eSIM device
is ensured by subscription management systems compliant with the
GSMA Remote SIM Provisioning specification.
Flash memory
Memory/Sim Domain
Protection
SIM
eSIM
28
Memory/SIM
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com