Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV46A Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUV46A
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV46A Datasheet(HTML) 2 Page - STMicroelectronics

  BUV46A Datasheet HTML 1Page - STMicroelectronics BUV46A Datasheet HTML 2Page - STMicroelectronics BUV46A Datasheet HTML 3Page - STMicroelectronics BUV46A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-Case
Max
1.76
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 10
Ω)
VCE = VCEX
VCE = VCEX
TC = 125
o C
0.1
1
mA
mA
ICEX
Collector Cut-off
Current
VCE = VCEX
VBE = -2.5 V
VCE = VCEX VBE = -2.5 V TC = 125
oC
0.3
2
mA
IEBO
Emitter Cut-off
Current (IC = 0)
VBE = 7 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 100 mA
for BUV46
for BUV46A
400
450
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
for BUV46
IC = 2.5 A
IB = 0.5 A
IC = 3.5 A
IB = 0.7 A
for BUV46A
IC = 2 A
IB = 0.4 A
IC = 3 A
IB = 0.6 A
1.5
5
1.5
5
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
for BUV46
IC = 2.5 A
IB = 0.5 A
for BUV46A
IC = 2 A
IB = 0.4 A
1.3
1.3
V
V
ton
ts
tf
RESISTIVE LOAD
Turn-on Time
Storage Time
Fall Time
for BUV46
IC = 2.5 A
VCC = 150 V
IB1 = - IB2 = 0.5 A
1
3
0.8
µs
µs
µs
ton
ts
tf
RESISTIVE LOAD
Turn-on Time
Storage Time
Fall Time
for BUV46A
IC = 2 A
VCC = 150 V
IB1 = - IB2 = 0.4 A
1
3
0.8
µs
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUV46 / BUV46A
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com