Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-WPSTUDIO Datasheet(PDF) 26 Page - STMicroelectronics

Part # STSW-WPSTUDIO
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-WPSTUDIO Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STSW-WPSTUDIO Datasheet HTML 22Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 23Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 24Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 25Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 26Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 27Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 28Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 29Page - STMicroelectronics STSW-WPSTUDIO Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
With a 2.9V to 4.8V input-voltage range, the STMP30 PMIC contains three integrated DC-DC converters to provide all the
power rails needed for AMOLED displays in smartphones and other portable devices. The voltage can be set between 4.6V
and 5.0V to optimize the display brightness for lowest power consumption and best visibility under any conditions. The 5.0V
maximum setting allows high-brightness mode (HBM) for best viewing in bright outdoor lighting.
The remaining two programmable voltages (-0.8V to -6.6V, and 5.5V to 7.9V) are programmed using single-wire (S-Wire)
protocol through external pins. The PMIC also receives S-Wire messages to operate the AMOLED in always-on display (AOD)
mode, which improves user convenience by showing information on-screen continuously at very low power.
The PMIC has a true shutdown mode that helps maximize power savings, as well as safety features such as thermal
protection, input undervoltage lockout, and soft-start with inrush current limiting. In addition, the high- voltage outputs feature
fast-discharge circuitry and short-circuit protection.
AMOLED PMIC
DISPLAY SUBSYSTEM BILL OF MATERIAL
Note *: Product not released yet. Please contact the the local sales representative
M24C64X-FCU
M24128X-FCU
M24256X-F
M24512X-FCU (*)
Touch controller
EEPROM
STMP30QR
ECMF2-40A100N6
ECMF4-40A100N10
VD6283
LDLN025
LD59030
LD57100
LD56100
LD39130S
LD56050
AMOLED driver
Ambient light sensor
Protection
LDO
Fingertip
(available in BGA84,
BGA87, BGA 117)
Parameter
STMP30QR*
Vin range
2.9V – 4.8V
Vout1 range
4.6V – 5V
Vout2 range
-6.6V to -0.8V
Current capability Vout1-Vout2
550mA
Vout3 range
5.5V to 7.9V
Current capability Vout3
150mA
Accuracy including temp condition
Vout1: +/-0.8%
Vout2: +/- 60mV
Vout3: +/- 1%
Package
WCSP25 2.1 x 2.1mm
Note *: Product not released on st.com. Please contact the marketing owner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com