Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-WLC38FWBPP Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSW-WLC38FWBPP
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-WLC38FWBPP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSW-WLC38FWBPP Datasheet HTML 19Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 20Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 21Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 22Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 23Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 24Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 25Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 26Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
STMicroelectronics has been the number one serial EEPROM supplier for over 10 years thanks to a complete range of
densities and packages, which brings flexibility in design and enable reliable parameter management. The latest serial
EEPROMs designed with advanced technology offer the required features for storing image sensor parameters.
EEPROM
2D NEAR INFRARED CAMERA
2D near infrared camera for under-OLED face authentication and other user interactions.
STMicroelectronics has been the number supplier in camera sensors with global shutter pixels for 5 years.
The sensors are optimized for sharp and sensitive light sensing for wavelengths up to 940nm, enabling high performance
under-OLED sensing.
ST has the most compact global shutter sensors available, even while offering larger resolutions. The 644x604 version allows
tiny modules enabling excellent horizontal and vertical fields-of-view. The very low power management of ST sensors is key for
mobile usage.
The pixel size enables very thin camera modules and high near-IR sensitivity.
Through one of its partners, ST offers a turnkey solution for face authentication that is compatible with under-OLED
constraints.
Wide input voltage range from 1.1V to 5.5V, low dropout, low output noise, high PSRR, excellent stability, and very low
consumption make our LDOs ideal for mobiles, sensors, and wireless modules. The tiny chip-scale package (CSP) 0.65 x 0.65
mm outline ensures a compact circuit footprint with low impact on PCB size.
LDO FOR SENSORS
ToF
hidden
ToF
actif
Key benefits of ToF
Laser
autofocus
Key benefits of GS sensors
Key benefits of ALS
Scene
understanding
Gesture
Single-point AF assist
Touch-to-focus
Multiple camera selection
User
interaction
Power efficient, high resolution,
high sensitivity 3D Sensor
Secure face
unlock for
secure payment
Bokeh
assistance
3D scanning
Power efficient, high resolution,
high sensitivity 3D Sensor
Secure face
unlock for
secure payment
Bokeh
assistance
3D scanning
Global
shutter
sensor
VD55GO (0,4 Mpixels)
VD56G3 (1.5 Mpixels)
• 644x604 pixels
• Only 2.6x2.5mm2 sensor
• 2.6 µm BSI GS pixel, low noise
• Auto-expo & defect correction
• 4 immediate contexts
• 4 multi purpose IO
strobe, PWM, Synch, GPIO, …
• 1364x1124 pixels
• Only 3.6x4.3mm2 sensor
• 2.6µm BSI GS pixel, low noise
• Auto-expo & defect correction
• 4 immediate contexts
• 8 multi purpose IO
strobe, PWM, Synch, GPIO, …
• Full Hardware Optical Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com