Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2628NP-R153 Datasheet(PDF) 1 Page - Sumida Corporation

Part # LF2628NP-R153
Description  AC COMMON MODE COIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2628NP-R153 Datasheet(HTML) 1 Page - Sumida Corporation

  LF2628NP-R153 Datasheet HTML 1Page - Sumida Corporation LF2628NP-R153 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2628
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆
Product Description
・
27.0×19.5mm Max.(L×W), 29.0mm Max. Height .
・
Inductance range: 2.2mH~100mH
・
Rated current range: 0.5~3.0A
・
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆
Feature
・
Large inductance is possible with closed magnetic core.
・
Inexpensive type.
・
Exellent attenuation characteristics in low frequency range.
・
Ideally used in TV,VCR,AV,OA equipment for noise prevention.
・
RoHS Compliance
◆
Dimensions (mm)
*
Dimension does not include solder used on coil.
*
Terminal pitch is measured at the base(not from tip of the pin)
◆
Schematics (Bottom)
*
Winding start is #1,#4 or #2,#3.
*
#1&#4, #2&#3:should be same polarity.
①
②
③
④


Similar Part No. - LF2628NP-R153

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LF2 GOOD-ARK-LF2 Datasheet
180Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
RCD COMPONENTS INC.
LF2-1000FB RCD-LF2-1000FB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000GB RCD-LF2-1000GB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000HB RCD-LF2-1000HB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000JB RCD-LF2-1000JB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
More results

Similar Description - LF2628NP-R153

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
AC COMMON MODE COIL
UU16LF SUMIDA-UU16LF_06 Datasheet
135Kb / 2P
AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C Datasheet
174Kb / 1P
AC COMMON MODE COIL
PFD1617 SUMIDA-PFD1617 Datasheet
125Kb / 1P
AC COMMON MODE COIL
LF2020B SUMIDA-LF2020B Datasheet
127Kb / 2P
AC COMMON MODE COIL
LF2429 SUMIDA-LF2429 Datasheet
162Kb / 1P
AC COMMON MODE COIL
LF2829 SUMIDA-LF2829 Datasheet
125Kb / 1P
AC COMMON MODE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com