Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2628NP-R183 Datasheet(PDF) 2 Page - Sumida Corporation

Part # LF2628NP-R183
Description  AC COMMON MODE COIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2628NP-R183 Datasheet(HTML) 2 Page - Sumida Corporation

  LF2628NP-R183 Datasheet HTML 1Page - Sumida Corporation LF2628NP-R183 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2628
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Part No.
Stamp
Inductance
[MIN.](mH)
(1-2)( 4-3)
1kHz/1V
D.C.R. (Ω)
[MAX.]
(1-2)(4-3)
(at 20℃)
Rated Current
(50/60Hz)
(
Arms)※1
LF2628NP-222
222
2.2
0.10
3.0
LF2628NP-332
332
3.3
0.15
2.5
LF2628NP-752
752
7.5
0.25
2.0
LF2628NP-912
912
9.1
0.30
1.8
LF2628NP-1Ø3
103
10.0
0.40
1.5
LF2628NP-153
153
15.0
0.55
1.2
LF2628NP-223
223
22.0
0.7
1.0
LF2628NP-333
333
33.0
1.0
0.8
LF2628NP-473
473
47.0
1.4
0.7
LF2628NP-623
623
62.0
1.8
0.6
LF2628NP-823
823
82.0
2.4
0.5
LF2628NP-R332
R332
3.3
0.10
3.0
LF2628NP-R472
R472
4.7
0.15
2.5
LF2628NP-R822
R822
8.2
0.25
2.0
LF2628NP-R113
R113
11.0
0.30
1.8
LF2628NP-R153
R153
15.0
0.40
1.5
LF2628NP-R183
R183
18.0
0.55
1.2
LF2628NP-R273
R273
27.0
0.7
1.0
LF2628NP-R393
R393
39.0
1.0
0.8
LF2628NP-R513
R513
51.0
1.4
0.7
LF2628NP-R753
R753
75.0
1.8
0.6
LF2628NP-R1Ø4
R104
100.0
2.4
0.5
*
Rated voltage:250V AC.
※
1. Rated current: The AC current at which the temperature rise is △t=50℃.(Ta=20℃).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com