Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC4040 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC4040
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC4040 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC4040 Datasheet HTML 1Page - Silicon Supplies 54HC4040 Datasheet HTML 2Page - Silicon Supplies 54HC4040 Datasheet HTML 3Page - Silicon Supplies 54HC4040 Datasheet HTML 4Page - Silicon Supplies 54HC4040 Datasheet HTML 5Page - Silicon Supplies 54HC4040 Datasheet HTML 6Page - Silicon Supplies 54HC4040 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
www.siliconsupplies.com
Rev 1.0
15/09/25
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
Q12
-276
-66
2
Q6
-270
-176
3
Q5
-162
-176
4
Q7
-54
-176
5
Q4
54
-176
6
Q3
162
-176
7
Q2
270
-176
8
GND
280
-53
9
Q1
276
55.5
10
CLOCK
270
176
11
RESET
162
176
12
Q9
54
176
13
Q8
-54
176
14
Q10
-162
176
15
Q11
-270
176
16
VCC
-276
56.7
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
Function Table
760µm (29.92 mils)
3
4
5
6
7
2
1
16
15
14
13
12
11
10
9
8
0,0
Pad 16 = VCC
Pad 8 = GND
High Speed CMOS Logic – 54HC4040



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com