Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41002 Datasheet(PDF) 1 Page - Wiha Tools

Part # 41002
Description  Screwdriver set SoftFinish®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41002 Datasheet(HTML) 1 Page - Wiha Tools

  41002 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
142
142
Which drives are used for each individual product? Page 304
INFOBOX:
Wiha SoftFinish®
screwdriver
The convenient expert for dry applications.
• The SoftFinish handle provides optimal grip for dry
applications in trade and industry.
• The position of the soft and hard zones on the handle
also supports the perfect grip for quick and powerful
turning.
Screwdriver set SoftFinish®
Slotted, Phillips 6-pcs.
302 HK6 SO
Order-No.
07152
1
3,5 x 100  / 4,5 x 125  / 5,5 x 150  / 6,5 x 150
PH1 x 80  / PH2 x 100
Phillips, Pozidriv 6-pcs.
302 HK 601
Order-No.
26113
1
4,0 x 100  / 5,5 x 125  / 6,5 x 150
PH1 x 80  / PH2 x 100
PZ2 x 100
Slotted, Pozidriv 6-pcs.
302 ZK6 SO
Order-No.
07153
1
3,5 x 100  / 4,5 x 125  / 5,5 x 150  / 6,5 x 150
PZ1 x 80  / PZ2 x 100
TORX® ball end 6-pcs.
362BE K6
Order-No.
32249
1
T9 x 60  / T10 x 60  / T15 x 80  / T20 x 80  / T25 x 100  / T30 x 115
TORX® MagicSpring® 6-pcs.
362R K6 SO
Order-No.
27746
1
T10 x 80  / T15 x 80  / T20 x 100  / T25 x 100  / T30 x 115  / T40 x 130
TORX® 7-pcs.
362 K7
Order-No.
01299
1
T8 x 60  / T9 x 60  / T10 x 80  / T15 x 80  / T20 x 100  /
T25 x 100  / T30 x 115
TORX® 6-pcs.
362 K6 SO
Order-No.
07155
1
T10 x 80  / T15 x 80  / T20 x 100  / T25 x 100  / T30 x 115  / T40 x 130
TORX® Tamper Resistant (with hole) 6-pcs.
362TR K6
Order-No.
24506
1
T10H x 80  / T15H x 80  / T20H x 100  / T25H x 100  /
T30H x 115  / T40H x 130
Screwdriver set SoftFinish®
assorted 12-pcs.
302 HK12
Order-No.
41002
1
4,0 x 100  / 3,5 x 100  / 6,5 x 150
PH1 x 80  / PH2 x 100  / PH3 x 150
PZ1 x 80  / PZ2 x 100
T15 x 80  / T20 x 100  / T25 x 100  / T30 x 115


Similar Part No. - 41002

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
Toroidal Surface Mount Inductors
logo
Powerbox
4100 POWERBOX-4100 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
Cypress Semiconductor
4100 CYPRESS-4100 Datasheet
987Kb / 43P
Programmable System-on-Chip (PSoC짰)
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
logo
3M Electronics
4100 3M-4100 Datasheet
31Kb / 8P
Single-Coated Foam Tapes
More results

Similar Description - 41002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-SL PHOENIX-SF-SL Datasheet
64Kb / 3P
Screwdriver set, bladed/crosshead Phillips Recess짰, VDE insulated, 6-part, incl. rack
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
logo
WAGO Kontakttechnik Gmb...
887-952 WAGO-887-952 Datasheet
701Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 221 Series
21.11.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com