Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3F99X-TP Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # PUSB3F99X-TP
Description  4-Lines Uni-directional Channels ESD protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

PUSB3F99X-TP Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  PUSB3F99X-TP Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD PUSB3F99X-TP Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD PUSB3F99X-TP Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD PUSB3F99X-TP Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - PUSB3F99X-TP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3F99X NEXPERIA-PUSB3F99X Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results

Similar Description - PUSB3F99X-TP

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD05LCD-0.8PF FUTUREWAFER-FESD05LCD-0.8PF Datasheet
613Kb / 5P
Uni-directional, Extra Low Capacitance ESD Protection
logo
Infineon Technologies A...
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
logo
SeCoS Halbleitertechnol...
KS05BL04 SECOS-KS05BL04 Datasheet
233Kb / 3P
90W, 5V Low Capacitance ESD Protection (Uni-directional)
logo
FutureWafer Tech Co.,Lt...
FESD05LCD FUTUREWAFER-FESD05LCD Datasheet
613Kb / 5P
Uni-directional, Extra Low Capacitance ESD Protection
logo
Will Semiconductor Ltd.
ESDA6V1AW5 WILLSEMI-ESDA6V1AW5 Datasheet
509Kb / 7P
4-Lines, Uni-directional, Transient Voltage Suppressors
ESDA6V1W5 WILLSEMI-ESDA6V1W5 Datasheet
486Kb / 6P
4-Lines, Uni-directional, Transient Voltage Suppressors
ESDA6V8V5 WILLSEMI-ESDA6V8V5 Datasheet
422Kb / 6P
4-Lines, Uni-directional, Transient Voltage Suppressor
logo
First Silicon Co., Ltd
FTV05CUDFN1006 FS-FTV05CUDFN1006 Datasheet
316Kb / 3P
Uni-directional ESD Protection Diode
logo
TECH PUBLIC Electronics...
PESD5V0L6US TECHPUBLIC-PESD5V0L6US Datasheet
2Mb / 4P
6-Line Uni-directional ESD protection
logo
Guangdong Youtai Semico...
PESDXXXL2UM UMW-PESDXXXL2UM Datasheet
331Kb / 5P
Uni-directional ESD protection of two lines or bi-directional ESD protection of one line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com