Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV98V Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUV98V
Description  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV98V Datasheet(HTML) 2 Page - STMicroelectronics

  BUV98V Datasheet HTML 1Page - STMicroelectronics BUV98V Datasheet HTML 2Page - STMicroelectronics BUV98V Datasheet HTML 3Page - STMicroelectronics BUV98V Datasheet HTML 4Page - STMicroelectronics BUV98V Datasheet HTML 5Page - STMicroelectronics BUV98V Datasheet HTML 6Page - STMicroelectronics BUV98V Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-ca se
Rthc-h
Thermal Resistance Ju nction- case
Max
Thermal Resistance Case-heatsin k With Conductive
Grease Applied
Max
0.83
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collecto r Cu t-of f
Current (RBE =5
Ω)
VCE =VCEV
VCE =VCEV
Tj = 100
oC
1
8
mA
mA
ICEV
Collecto r Cu t-of f
Current (VBE =-5V)
VCE =VCEV
VCE =VCEV
Tj = 100
oC
0. 4
4
mA
mA
IEBO
Emitter Cut-off Current
(IC =0)
VEB =5 V
2
mA
VCEO(SUS) * Collecto r-Emitter
Sustaining Voltage
IC =0.2 A
L = 25 mH
Vclamp = 450 V
450
V
hFE
∗
DC Current Gain
IC =24 A
VCE =5 V
9
VCE(sat)
∗ Collector-Emitter
Satu ration Vo ltage
IC =20 A
IB =4 A
IC =30 A
IB =8 A
1. 5
3. 5
V
V
VBE(sat)
∗ Base-Emitter
Satu ration Vo ltage
IC =20 A
IB =4 A
1. 6
V
diC/dt
Rateof Riseof
On-state Collector
VCC =3 00 V
RC =0
tp =3
µs
IB1 =6 A
Tj = 100
oC
100
A/
µs
VCE(3
µs)•• Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC =1 5
Ω
IB1 =6 A
Tj =1 00
oC
8V
VCE(5
µs)•• Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC =1 5
Ω
IB1 =6 A
Tj =1 00
oC
4V
ts
tf
Storage Time
Fall Time
IC =20 A
VCC =50 V
VBB =-5 V
LB =1.5
µH
Vclamp = 300 V IB1 =4 A
L = 750
µHTj = 100 oC
5
0. 4
µs
µs
VCEW
Maximu m Collector
Emitter Voltage
With ou t Snubber
ICWoff =30 A
IB1 =6 A
VBB =-5 V
VCC =50 V
L = 750
µHLB =15 µH
Tj =1 25
oC
350
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUV98V
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com