Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402CS-R12XGEU Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402CS-R12XGEU
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402CS-R12XGEU Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402CS-R12XGEU Datasheet HTML 1Page - Coilcraft lnc. 0402CS-R12XGEU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
UK
Taiwan
China
Singapore
© Coilcraft Inc. 2020
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
AEC
Q200 125°C
+
Halogen
Free
0402CS Series (1005)
Document 198-2 Revised 03/12/20
Document 198-2
Inductance2
Percent
900 MHz
1.7 GHz
SRF min5 DCR max6 Irms7
Part number1
(nH)
tolerance3
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0402CS-1N0XJE_
1.0
5
1.02
77
1.02
69
12.70
0.045
1360
0402CS-1N2XJE_
1.2
5
1.17
28
1.17
38
12.90
0.090
740
0402CS-1N8X_E_
1.8
5,3,2
1.78
54
1.78
75
12.00
0.070
1040
0402CS-1N9X_E_
1.9
5,3,2
1.72
68
1.74
82
11.30
0.070
1040
0402CS-2N0X_E_
2.0
5,3,2
1.93
54
1.93
75
11.10
0.070
1040
0402CS-2N2X_E_
2.2
5,3,2
2.19
59
2.23
100
10.80
0.070
960
0402CS-2N4X_E_
2.4
5,3,2
2.24
51
2.27
68
10.50
0.068
790
0402CS-2N7X_E_
2.7
5,3,2
2.58
42
2.60
61
10.40
0.120
640
0402CS-3N3X_E_
3.3
5,3,2
3.10
65
3.12
87
7.00
0.066
840
0402CS-3N6X_E_
3.6
5,3,2
3.56
45
3.62
71
6.80
0.066
840
0402CS-3N9X_E_
3.9
5,3,2
3.89
50
4.00
75
6.00
0.066
840
0402CS-4N3X_E_
4.3
5,3,2
4.19
47
4.30
71
6.00
0.091
700
0402CS-4N7X_E_
4.7
5,3,2
4.55
48
4.68
68
4.77
0.130
640
0402CS-5N1X_E_
5.1
5,3,2
5.15
56
5.25
82
4.80
0.083
800
0402CS-5N6X_E_
5.6
5,3,2
5.16
54
5.28
81
4.80
0.083
760
0402CS-6N2X_E_
6.2
5,3,2
6.16
52
6.37
76
4.80
0.083
760
0402CS-6N8X_E_
6.8
5,3,2
6.56
63
6.93
78
4.80
0.083
680
0402CS-7N5X_E_
7.5
5,3,2
7.91
60
8.22
88
4.80
0.10
680
0402CS-8N2X_E_
8.2
5,3,2
8.50
57
8.85
84
4.40
0.10
680
0402CS-8N7X_E_
8.7
5,3,2
8.78
54
9.21
73
4.10
0.20
480
0402CS-9N0X_E_
9.0
5,3,2
9.07
62
9.53
78
4.16
0.10
680
0402CS-9N5X_E_
9.5
5,3,2
9.42
54
9.98
69
4.00
0.20
480
0402CS-10NX_E_
10
5,3,2
9.8
50
10.10
67
3.90
0.20
480
0402CS-11NX_E_
11
5,3,2
10.7
52
11.20
78
3.68
0.12
640
0402CS-12NX_E_
12
5,3,2
11.9
53
12.70
71
3.60
0.12
640
0402CS-13NX_E_
13
5,3,2
13.4
51
14.63
57
3.45
0.21
440
0402CS-15NX_E_
15
5,3,2
14.6
55
15.50
77
3.28
0.17
560
0402CS-16NX_E_
16
5,3,2
16.6
46
18.86
47
3.10
0.22
560
0402CS-18NX_E_
18
5,3,2
18.3
57
20.28
62
3.10
0.23
420
0402CS-19NX_E_
19
5,3,2
19.1
50
21.10
67
3.04
0.20
480
0402CS-20NX_E_
20
5,3,2
20.7
52
23.66
53
3.00
0.25
420
0402CS-22NX_E_
22
5,3,2
23.2
53
26.75
53
2.80
0.30
400
0402CS-23NX_E_
23
5,3,2
23.8
49
26.90
64
2.72
0.30
400
0402CS-24NX_E_
24
5,3,2
25.1
51
29.50
50
2.70
0.30
400
0402CS-27NX_E_
27
5,3,2
28.7
49
33.50
63
2.48
0.30
400
0402CS-30NX_E_
30
5,3,2
31.1
46
38.50
39
2.35
0.30
400
0402CS-33NX_E_
33
5,3,2
34.9
31
41.74
32
2.35
0.30
400
0402CS-36NX_E_
36
5,3,2
39.5
44
48.40
53
2.32
0.44
320
0402CS-39NX_E_
39
5,3,2
41.7
47
50.23
45
2.10
0.55
200
0402CS-40NX_E_
40
5,3,2
39.0
44
47.40
33
2.24
0.44
320
0402CS-43NX_E_
43
5,3,2
45.8
46
61.55
34
2.03
0.81
100
0402CS-47NX_E_
47
5,3,2
50.0
38
–
–
2.10
0.83
150
0402CS-51NX_E_
51
5,3,2
56.6
40
–
–
1.75
0.82
100
0402CS-56NX_E_
56
5,3,2
62.8
42
–
–
1.76
0.97
100
0402CS-68NX_E_
68
5,3,2
78.2
36
–
–
1.62
1.12
100
0402CS-82NX_E_
82
5,3,2
–
–
–
–
1.26
1.55
50
0402CS-R10X_E_
100
5,3,2
–
–
–
–
1.16
2.00
30
0402CS-R12X_E_
120
5,3,2
–
–
–
–
1.10
2.20
50
1. When ordering, specify
tolerance, termination and packaging codes:
0402CS-68NXJEW
Tolerance:
G = 2% H = 3% J = 5%
(Table shows stock tolerances in bold.)
Termination: E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
L = RoHS compliant, not halogen-free. Silver-palladium-
platinum-glass frit terminations.
R = RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: W = 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel). Quantities less than full reel
available: in tape (not machine ready) or with leader
and trailer ($25 charge).
Q = 7
″ machine-ready reel. EIA-481 punched paper tape
(5000 parts per full reel). Quantities less than full reel
available: in tape (not machine ready) or with leader
and trailer ($25 charge).
U = Less than full reel. In an effort to simplify our part
numbering system, Coilcraft is eliminating the need
for multiple packaging codes. When ordering, simply
change the last letter of your part number from U to W.
2. Inductance measured at 250 MHz using a Coilcraft SMD-F test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286
impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193
test fixture.
5. For SRF >6 GHz, measured using an Agilent/HP 8722ES network
analyzer and a Coilcraft SMD-D test fixture. For SRF
≤6 GHz, measured
using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D
test fixture.
6. DCR measured on a micro-ohmmeter.
7. Current that causes a 15°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C328 contains 20 each of all 5% values
Designer’s Kit C328-2 contains 20 each of all 2% values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com