Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05043 Datasheet(PDF) 4 Page - ABB

Part # 05043
Description  ABB wiring ducts Allied to your business
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

05043 Datasheet(HTML) 4 Page - ABB

  05043 Datasheet HTML 1Page - ABB 05043 Datasheet HTML 2Page - ABB 05043 Datasheet HTML 3Page - ABB 05043 Datasheet HTML 4Page - ABB 05043 Datasheet HTML 5Page - ABB 05043 Datasheet HTML 6Page - ABB 05043 Datasheet HTML 7Page - ABB 05043 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Article
Dimensions
W x H (mm)
No. metres in
pack
8-12 mm slot
4-6 mm slot
05 019
05 119
15 x 17
46
05 033
05 133
25 x 30
58
05 035
05 135
40 x 30
38
05 037
05 137
60 x 30
52
05 043
05 143
25 x 40
48
05 045
05 145
40 x 40
30
05 047
05 147
60 x 40
40
05 049
05 149
80 x 40
32
05 051
05 151
100 x 40
24
05 053
05 153
120 x 40
20
05 063
05 163
25 x 60
34
05 065
05 165
40 x 60
22
05 067
05 167
60 x 60
32
05 069
05 169
80 x 60
24
05 071
05 171
100 x 60
20
05 073
05 173
120 x 60
14
05 083
05 183
25 x 80
28
05 085
05 185
40 x 80
36
05 087
05 187
60 x 80
24
05 089
05 189
80 x 80
16
05 091
05 191
100 x 80
16
05 093
05 193
120 x 80
12
05 094
05 194
25x100
20
05 095
05 195
40x100
28
05 096
05 196
60x100
20
05 097
05 197
80x100
14
05 098
05 198
100x100
8
05 099
05 199
150x100
8
Article
Dimensions W x H (mm)
No. pieces
05 400
12.5 x 12.5
112
05 402
16 x 16
84
05 405
20 x 20
112
05 410
25 x 25
70
05 415
30 x 30
50
05 420
40 x 40
50
05 425
50 x 50
32
Article
Dimensions W x H (mm)
No. metres in pack
05 330
50 x 50
36
05 331
100 x 60
18
With 8-12 / 4-6 mm slots
• shock-resistant and self-extinguishing
thermoplastic in conformity with UL 94 V0
standard, resistant to abnormal heat and fire
up to 960 °C (glow-wire test) in conformity
with IEC 60695-2-1 standard
• minimum storage/transport temperature -5 °C
• minimum installation/use temperature -15 °C
• maximum use temperature +60 °C
• standard length 2 metres
• colour RAL 7030 grey
• conforms to EN 50085-2-3 standard
• conforms to RoHS directive
• lead-free
• certifications: IMQ - UL - CSA - RINA
Flexible
• shock-resistant and self-extinguishing
thermoplastic in conformity with UL 94 V0
standard, resistant to permanent temperature
of 80 °C and peaks of up to 110 °C in
conformity with IEC 216 standard
• standard length 500 millimetres
• colour RAL 7040 grey
• conforms to RoHS directive
With knock-outs
• shock-resistant and self-extinguishing
thermoplastic in conformity with UL 94 V0
standard, resistant to abnormal heat and fire
up to 960 °C (glow-wire test) in conformity
with IEC 60695-2-1 standard
• dimensional stability from -20 to +60 °C
• standard length 2 metres
• colour RAL 7030 grey
• conforms to RoHS directive
Article
Description (mm)
No. pieces box/pack
Rapid fixing for DIN rail
05 250
Duct width 25
20/600
05 252
Duct width 40
20/600
05 254
Duct width 60
20/600
05 256
Duct width 80
20/240
05 258
Duct width 100
20/240
05 260
Duct width 120
20/240
05 262
Duct width 150
20/240
Rapid fixing for mounting plate
05 270
Duct width 25
20/600
05 272
Duct width 40
20/600
05 274
Duct width 60
20/600
05 276
Duct width 80
20/240
05 278
Duct width 100
20/240
05 280
Duct width 120
20/240
05 282
Duct width 150
20/240
Wiring ducts with vertical slots
Flexible wiring ducts
Wiring ducts with knock-outs
Fix-O-Rapid
Lead
fr
ee
RoHS
compliance
Lead-free thermoplastic ducts
08_canalineEN.indd 5
08_canalineEN.indd 5
23-11-2007 8:11:29
23-11-2007 8:11:29



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com