Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM1915NP-R33 Datasheet(PDF) 1 Page - Sumida Corporation

Part # DBM1915NP-R33
Description  POWER INDUCTORS Type: DBM Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

DBM1915NP-R33 Datasheet(HTML) 1 Page - Sumida Corporation

  DBM1915NP-R33 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS <Pin Type: DBM Series>
Type: DBM1915
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆ Product Description
・38.0×19.8mm Max.(L×W), 16.0mm Max. Height.
・Inductance range: 0.19~0.72μH.
・Saturation Current rated current range: 59~100A;
Reference temperature rise current:57.0A
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
・Magnetically shielded construction.
・Ideally used as PDP regenerative coil.
・RoHS Compliance
◆ Dimensions (mm)
◆Schematics (Bottom)
◆ Specification
Saturation Current
(A) ※1
Part Name
Stamp
Inductance
(nH)[Within]
100kHz
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
at20℃
at105℃
Temperature
Rise current
(A) ※2
DBM1915NP-R19
R19
190±10%
0.15m(0.10m)
100
100
57
DBM1915NP-R33
R33
330±10%
0.15m(0.10m)
100
100
57
DBM1915NP-R40
R40
400±10%
0.15m(0.10m)
100
100
57
DBM1915NP-R50
R50
500±10%
0.15m(0.10m)
94
88
57
DBM1915NP-R58
R58
580±15%
0.15m(0.10m)
78
73
57
DBM1915NP-R72
R72
720±15%
0.15m(0.10m)
59
57
57
※1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value.
※2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
This datasheet is not a final issue, and maybe something will be changed before production.


Similar Part No. - DBM1915NP-R33

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBM13H3P-JNMBK52 ITT-DBM13H3P-JNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM13H3S-NNMB ITT-DBM13H3S-NNMB Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM13H3S-NNMBK52 ITT-DBM13H3S-NNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM13H3S-VNMBK52 ITT-DBM13H3S-VNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM13W3P-NMB-77 ITT-DBM13W3P-NMB-77 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DBM1915NP-R33

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
POWER INDUCTORS < PIN Type: RC Series>
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
POWER INDUCTORS < Pin Type: RCP Series >
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR1616 SUMIDA-RCR1616 Datasheet
157Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
POWER INDUCTORS < Pin Type: RX Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com