Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK389 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LSK389
Description  ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK389 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LSK389 Datasheet HTML 1Page - Linear Integrated Systems LSK389 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
ELECTRICAL CHARACTERISTICS CONT. @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
Yfs
Full Conduction Transconductance
8
20
mS
VDS = 10V, VGS = 0, IDSS = 3mA,
f
= 1kHz
en
Noise Voltage
0.9
1.9
nV/√Hz
VDS = 10V, ID = 2mA, f = 1kHz,
NBW = 1Hz
en
Noise Voltage
2.5
4
nV/√Hz
VDS = 10V, ID = 2mA, f = 10Hz,
NBW = 1Hz
CISS
Common Source Input Capacitance
25
pF
VDS = 10V, VGS = 0, f = 1MHz,
CRSS
Common Source Reverse Transfer Cap.
5.5
pF
VDG = 10V, ID = 0, f = 1MHz,
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems. Revised 07 December
2005.
A
LSK389 -
SOIC-8
-
Package
TO-71 6L
SOIC-A 8L
71
SOIC-8
I
DSS Range
2.6 - 6.5 mA
6 - 12 mA
10 - 20 mA
A
B
C
ORDERING INFORMATION
TO-71
Six Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
6 LEADS
3
2
1
5
6
0.046
0.036
45°
0.048
0.028
0.100
0.050
7
1
SOIC
2
3
45
6
7
8
DIMENSIONS IN
INCHES
0.2284
0.2440
0.189
0.196
0.0075
0.0098
0.021
0.014
0.018
0.050
0.0040
0.0098
0.150
0.157
PACKAGE DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com