Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN1HS04MK2-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN1HS04MK2-R
Description  Small circular connector, With bushing (Gray), 4 pos., In-line receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN1HS04MK2-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JN1HS04MK2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN1HS04MK2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN1HS04MK2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JN1HS04MK2-R
Features
Small circular connector, With bushing (Gray), 4 pos., In-line receptacle
Part Number
JN1HS04MK2-R
Status
Active
Number of Positions
4 pos.
Rated Current
5A
Rated Voltage
  
Waterproof/ Non-waterproof
Waterproof (when mated)
Applications
Industrial equipment interface  
Connector Type
In-line receptacle
Connector Style
Straight  
Contact Type
Pin
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
16 max.
Coupling Style
One-touch locking
Contact Size
#20
Shell Size
S
Contact Arrangement Code
  
Product Details


Similar Part No. - JN1HS04MK2-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1HS04MK2-R JAE-JN1HS04MK2-R Datasheet
388Kb / 22P
Small Circular Connector
More results

Similar Description - JN1HS04MK2-R

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
JF1P1SA WINCHESTER-JF1P1SA Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF1S1P10B4597 WINCHESTER-JF1S1P10B4597 Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF1S3PA WINCHESTER-JF1S3PA Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF2P2P954597 WINCHESTER-JF2P2P954597 Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF2P2P955129 WINCHESTER-JF2P2P955129 Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF2P2S45AB4597 WINCHESTER-JF2P2S45AB4597 Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF2P2S45AC WINCHESTER-JF2P2S45AC Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF2P2S45CD WINCHESTER-JF2P2S45CD Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF2P2SAB WINCHESTER-JF2P2SAB Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
JF2P954239 WINCHESTER-JF2P954239 Datasheet
908Kb / 5P
JF SERIES, SIDE MOUNTING, 4 POS, RECTANGULAR, IN-LINE & 2 POS IN-LINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com