Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2-AW-DC1-RK Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2-AW-DC1-RK
Description  Waterproof cap for receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2-AW-DC1-RK Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JN2-AW-DC1-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2-AW-DC1-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2-AW-DC1-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JN2-AW-DC1-RK
Features
Waterproof cap for receptacle
Part Number
JN2-AW-DC1-RK
Status
Active
Number of Positions
  
Rated Current (A)
  
Rated Voltage (V)
  
Waterproof/ Non-waterproof
Warter proof (when mated)
Applications
  
Connector Type
Accessory
Connector Style
  
Contact Type
  
Wire Termination Method
  
Applicable Wire Size (AWG)
  
Coupling Style
  
Contact Size
  
Shell Size
 
Contact Arrangement Code
  
Contact Size X No. of Contacts
  
Product Details


Similar Part No. - JN2-AW-DC1-RK

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN2-AW-DC1 JAE-JN2-AW-DC1 Datasheet
269Kb / 17P
Small Circular Connector
JN2-AW-DC1A JAE-JN2-AW-DC1A Datasheet
339Kb / 23P
Outdoor Use Waterproof I/O Connectors
JN2-AW-DC1A JAE-JN2-AW-DC1A Datasheet
339Kb / 23P
Outdoor Use Waterproof I/O Connectors
More results

Similar Description - JN2-AW-DC1-RK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
0ITB02T-18 GLENAIR-0ITB02T-18 Datasheet
170Kb / 1P
Receptacle Connector Cap
logo
Molex Electronics Ltd.
0643191201 MOLEX7-0643191201 Datasheet
177Kb / 3P
CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
logo
Assmann Electronics Inc...
A-WP-COVER1-R ASSMANN-A-WP-COVER1-R Datasheet
212Kb / 1P
MIDDLE SIZE WATERPROOF CAP
A-WP-COVER2-R ASSMANN-A-WP-COVER2-R Datasheet
211Kb / 1P
MIDDLE SIZE WATERPROOF CAP
A-WP-COVER4 ASSMANN-A-WP-COVER4 Datasheet
87Kb / 1P
Waterproof Cap
logo
PowerDynamics, Inc
3353A-02 POWERDYNAMICS-3353A-02 Datasheet
335Kb / 1P
Metal Waterproof Cap With Chain (IP68)
3351A-01 POWERDYNAMICS-3351A-01 Datasheet
185Kb / 1P
Waterproof Cap (IP68)
3352A-02 POWERDYNAMICS-3352A-02 Datasheet
279Kb / 1P
Waterproof Cap with Chain (IP68)
logo
Molex Electronics Ltd.
0986491003 MOLEX1-0986491003_18 Datasheet
62Kb / 2P
CMC Wire Cap for 32 Circuits CMC Receptacle
logo
Coolgear Inc.
CG-USB3PXAC-3F COOLGEAR-CG-USB3PXAC-3F Datasheet
286Kb / 2P
ACCESSORIES(WATERPROOF CAP NUT AND BRACKET)
Rev A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com