Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA600 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA600 Datasheet HTML 9Page - Texas Instruments INA600 Datasheet HTML 10Page - Texas Instruments INA600 Datasheet HTML 11Page - Texas Instruments INA600 Datasheet HTML 12Page - Texas Instruments INA600 Datasheet HTML 13Page - Texas Instruments INA600 Datasheet HTML 14Page - Texas Instruments INA600 Datasheet HTML 15Page - Texas Instruments INA600 Datasheet HTML 16Page - Texas Instruments INA600 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V), VIN = (VIN+ – VIN–) = 0V, RL = 10kΩ, VREF = VS / 2, VCM =
(VIN+ + VIN–) / 2 = VS / 2, VOUT = VS / 2, and G = 1/5 (unless otherwise noted)
Output Voltage (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-2
-1
0
1
2
Vs = 15V
G = 1/5
G = 1/10
G = 1/36
Figure 6-19. Nonlinearity vs Output Voltage, All Gains
Reference Gain Error (%)
0
10
20
30
40
50
60
70
80
0
-0.1
-0.075 -0.05 -0.025
0.025
0.05
0.075
0.1
G = 1/5 V/V, 1/10 V/V, 1/36 V/V
Vs = 20V
N = 1651
Mean = -0.000836 %
Std. Dev. = 0.0022 %
Figure 6-20. Typical Distribution of Reference Gain Error, All
Gains
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
-3000
-2000
-1000
0
1000
2000
3000
4000
5000
G = 1/5 V/V
Vs = 20 V
30 units
Mean
+3
-3
Figure 6-21. Output-Referred Offset Voltage vs Temperature
(INA600A)
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
-1000
-500
0
500
1000
1500
2000
2500
G = 1/10 V/V
Vs = 20 V
12 units
Mean
+3
-3
Figure 6-22. Output-Referred Offset Voltage vs Temperature
(INA600B)
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
-1000
-500
0
500
1000
1500
2000
G = 1/36 V/V
Vs = 20 V
16 units
Mean
+3
-3
Figure 6-23. Output-Referred Offset Voltage vs
Temperature(INA600F)
Te mperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.003
0.006
0.009
0.012
0.015
0.018
0.021
0.024
0.027
Vs = 1.35 V
G = 1/5
G = 1/10
G = 1/36
Figure 6-24. Gain Error vs Temperature
www.ti.com
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com