Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA600C Datasheet(PDF) 21 Page - Texas Instruments

Part # INA600C
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600C Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA600C Datasheet HTML 17Page - Texas Instruments INA600C Datasheet HTML 18Page - Texas Instruments INA600C Datasheet HTML 19Page - Texas Instruments INA600C Datasheet HTML 20Page - Texas Instruments INA600C Datasheet HTML 21Page - Texas Instruments INA600C Datasheet HTML 22Page - Texas Instruments INA600C Datasheet HTML 23Page - Texas Instruments INA600C Datasheet HTML 24Page - Texas Instruments INA600C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
7.3 Feature Description
7.3.1 Gain Options and Resistors
The gain value of the INA600 is given by the ratio of feedback resistor and input resistor. The gain options
are offered across different device variants as provided in Table 7-1. While the typical value of input and
feedback resistors are shown in the following table, it is important to note that these values can vary together
by approximately ±15% while maintaining tighter gain error (tolerance) numbers as specified in the Electrical
Characteristics table.
Table 7-1. Gain Selection
DEVICE
VERSION
INPUT RESISTOR
FEEDBACK
RESISTOR
GAIN
INA600
A
1.2MΩ
240kΩ
1/5
B
1.2MΩ
120kΩ
1/10
C
1.2MΩ
100kΩ
1/12
D
1.2MΩ
66.66kΩ
1/18
E
1.2MΩ
50kΩ
1/24
F
1.2MΩ
33.33kΩ
1/36
7.3.1.1 Gain Error and Drift
Gain error in the INA600 is dictated by the mismatch of the integrated precision resistors. Gain error is a tested
parameter and maximum gain error is under or at ±0.05% for all gains. Gain drift of the INA600 is limited by
the mismatch of the temperature coefficient of the integrated resistors. Maximum gain drift is under 5ppm/°C for
all gains. These integrated resistors are already precision matched with low temperature coefficient resistors.
Thus, the overall gain drift is much better in comparison to discrete implementation of difference amplifiers built
using external resistors. Gain drift is not a tested parameter and the maximum gain drift is specified based on
characterization results with sufficient guard banding. Maximum gain error of ±0.05% is expected for inputs from
the reference pin that sets output common-mode voltage.
7.3.2 Input Common-Mode Voltage Range
The INA600 difference amplifier rejects the input common mode. This rejection capability is largely based on
the matching of the internal resistors. The INA600 input voltage range is extended well beyond the supply rails
using a special design technique. This technique causes the input voltage range not to be overly limited by gain
configuration or supply voltage. The input voltage range spans from –40V below the negative rail to +85V above
the negative rail for supply voltages starting from 9V across all gains. Below 9V, see the valid input range values
within the Electrical Characteristics table for the gain option of interest.
Common-mode rejection ratio values are referred to the output to enable easy error calculation with respect to
the ADC full scale. For example, a 1V input common-mode error signal at the INA600A input (G = 1/5) at a 12V
supply is attenuated to 2μV at the INA600A output. In this example, the typical CMRR specification (referred to
output) is 114dB starting from a 9V supply.
7.3.3 EMI Rejection
The INA600 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from a
variety of sources. These sources include wireless communications and densely-populated boards with a mix of
analog signal chain and digital components. Texas Instruments accurately measures and quantifies the immunity
of an operational amplifier over a broad frequency spectrum extending from 10MHz to 6GHz. The EMI Rejection
Ratio of Operational Amplifiers application note is available for download from www.ti.com. This application note
contains detailed information on the topic of EMIRR performance relating to op amps.
www.ti.com
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com