Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA600FIDBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # INA600FIDBVR
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600FIDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA600FIDBVR Datasheet HTML 18Page - Texas Instruments INA600FIDBVR Datasheet HTML 19Page - Texas Instruments INA600FIDBVR Datasheet HTML 20Page - Texas Instruments INA600FIDBVR Datasheet HTML 21Page - Texas Instruments INA600FIDBVR Datasheet HTML 22Page - Texas Instruments INA600FIDBVR Datasheet HTML 23Page - Texas Instruments INA600FIDBVR Datasheet HTML 24Page - Texas Instruments INA600FIDBVR Datasheet HTML 25Page - Texas Instruments INA600FIDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Figure 7-2 shows the results of this testing on the INA600 for differential EMI interference. Figure 7-3 shows
the results of this testing on the INA600 for common-mode EMI interference. Table 7-2 provides the EMIRR IN+
values for the INA600 at particular frequencies commonly encountered in real-world applications.
Frequency (Hz)
80
100
120
140
160
180
10M
100M
1G
G = 1/5
G = 1/36
Figure 7-2. Electromagnetic Interference Rejection
Ratio Referred to Output vs Frequency (Differential
Input)
Frequency (Hz)
40
60
80
100
120
140
160
180
10M
100M
1G
G = 1/5
G = 1/36
Figure 7-3. Electromagnetic Interference Rejection
Ratio Referred to Output vs Frequency (Common-
Mode Input)
Table 7-2. INA600 EMIRR for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR DIFFERNTIAL
(G = 1/36)
EMIRR COMMON-MODE
(G = 1/36)
400MHz
Mobile radio, mobile satellite, space operation, weather, radar,
ultra-high frequency (UHF) applications
122dB
83dB
900MHz
Global system for mobile communications (GSM) applications,
radio communication, navigation, GPS (to 1.6GHz), GSM,
aeronautical mobile, UHF applications
132dB
82dB
1.8GHz
GSM applications, mobile personal communications, broadband,
satellite, L-band (1GHz to 2GHz)
121dB
84dB
2.4GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal
communications, industrial, scientific and medical (ISM) radio
band, amateur radio and satellite, S-band (2GHz to 4GHz)
122dB
100dB
3.6GHz
Radiolocation, aero communication and navigation, satellite,
mobile, S-band
123dB
118dB
5GHz
802.11a, 802.11n, aero communication and navigation, mobile
communication, space and satellite operation, C-band (4GHz to
8GHz)
125dB
118dB
7.3.4 Typical Specifications and Distributions
Designers often have questions about a typical specification of an amplifier when designing a more robust
circuit. Because of natural variation in process technology and manufacturing procedures, every specification
of an amplifier exhibits some amount of deviation from the ideal value. The offset voltage of an amplifier is
one such example. These deviations often follow Gaussian (bell curve), or normal distributions. Thus, allowing
circuit designers to leverage this information to guard band the system, even when a minimum or maximum
specification is not in the Electrical Characteristics table.
Figure 7-4 shows an example distribution. In this figure, µ (or mu), is the mean of the distribution, and σ (or
sigma), is the standard deviation of a system. For specifications exhibiting this kind of distribution, approximately
two-thirds (68.26%) of all units are expected to have a value within one standard deviation of the mean. One
standard deviation of the mean is µ – σ to µ + σ.
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com