Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0015 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0015
Description  Xbee Shield For Arduino (no Xbee) (SKU:DFR0015)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0015 Datasheet(HTML) 1 Page - DFROBOT

  DFR0015 Datasheet HTML 1Page - DFROBOT DFR0015 Datasheet HTML 2Page - DFROBOT DFR0015 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
Xbee Shield For Arduino (no Xbee) (SKU:DFR0015)
Contents
1 Introduction
2 Specification
3 PinOut
3.1 More details
Introduction
The XBee Expansion Board (no XBee) is a compliant solution designed to meet low-cost, low-power
wireless sensor networks with special needs. The module is easy to use, low power consumption,
and the provision of critical data between devices reliable transmission. As the innovative design,
XBee-PRO can be in the range 2-3 times beyond the standard ZigBee modules. XBee-PRO
modules work in the ISM 2.4 GHz frequency band. The MaxStream's XBee (1 mW) Zigbee module
is pin-compatible.
The Xbee module is widely used in the United States, Canada, Australia, Israel and Europe. The
establishment of RF communication does not require any configuration and the module's default
configuration supports a wide range of data system applications. You can also use a simple AT
command to advanced configuration. An OEM developer is now XBee code development package.
It is self-developed in collaboration with the MaxStream ZigBee/802.15.4 RF module code.


Similar Part No. - DFR0015

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0010 DFROBOT-DFR0010 Datasheet
102Kb / 4P
Arduino Nano 328 (SKU: DFR0010)
DFR0012 DFROBOT-DFR0012 Datasheet
126Kb / 3P
Arduino Nano IO Shield (SKU: DFR0012)
DFR0013 DFROBOT-DFR0013 Datasheet
257Kb / 5P
IIC to GPIO Shield V2.0 SKU: DFR0013
DFR0016 DFROBOT-DFR0016 Datasheet
111Kb / 1P
Mega Prototyping Shield for Arduino Mega Due SKU:DFR0016
4-21-17
DFR0017 DFROBOT-DFR0017 Datasheet
231Kb / 3P
Relay Module (Arduino Compatible) (SKU: DFR0017)
More results

Similar Description - DFR0015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XB24CZ7RISB003 ETC2-XB24CZ7RISB003 Datasheet
1Mb / 2P
XBee짰 and XBee-PRO짰 ZB
A24-HASM-450 ETC2-A24-HASM-450 Datasheet
1Mb / 60P
XBee Series 2 OEM RF Modules
logo
SparkFun Electronics
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
logo
Digi International Inc.
XB3-24Z8UM DIGI-XB3-24Z8UM Datasheet
425Kb / 3P
DIGI XBEE 3 ZIGBEE 3.0
XB3-C-A1-UT-001 DIGI-XB3-C-A1-UT-001 Datasheet
427Kb / 4P
DIGI XBEE 3 CELLULAR LTE CAT 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
WRL-11373 SPARKFUN-WRL-11373 Datasheet
105Kb / 1P
SparkFun XBee Explorer Regulated
4/16/2015
WRL-11697 SPARKFUN-WRL-11697 Datasheet
113Kb / 2P
SparkFun XBee Explorer Dongle
6/24/2015
WRL-11812 SPARKFUN-WRL-11812 Datasheet
114Kb / 1P
SparkFun XBee Explorer USB
11/17/2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com