Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0021-R Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0021-R
Description  Gravity:Digital RED LED Light Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0021-R Datasheet(HTML) 1 Page - DFROBOT

  DFR0021-R Datasheet HTML 1Page - DFROBOT DFR0021-R Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Gravity:Digital RED LED Light Module
SKU:DFR0021‐R 
 
INTRODUCTION
This red LED light module has a shiny white color. It is ideal for Arduino starter. This module
can be easy to be plugged on IO/Sensor expansion shield.
 NOTE: This LED is wired to light up when the Signal pin is set to low. The reason for this is to prevent the 
LED from demanding too much current from the microcontroller and damaging the I/O.  
  If you wish to make this LED light up with a logic high, you can switch the Signal wire (Green) with the 
GND wire (Black) and the Voltage wire (Red) to the Signal wire's original spot.  
 
SPECIFICATION
Type: Digital 
LED light module pin definition : (1) control terminal (2) power supply (3) ground 
 


Similar Part No. - DFR0021-R

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0021-B DFROBOT-DFR0021-B Datasheet
55Kb / 2P
Gravity: Digital Blue LED Light Module
DFR0021-G DFROBOT-DFR0021-G Datasheet
53Kb / 1P
Gravity: Digital Green LED Light Module
DFR0021-W DFROBOT-DFR0021-W Datasheet
94Kb / 1P
Gravity:Digital White LED Light Module
More results

Similar Description - DFR0021-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH160 TOSHIBA-TLSH160 Datasheet
152Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
TLSH157P TOSHIBA-TLSH157P Datasheet
125Kb / 4P
TOSHIBA LED Lamp InGaAP Red Light Emission
TLSH263P TOSHIBA-TLSH263P Datasheet
128Kb / 4P
LED Lamp InGaA?밣 Red Light Emission
logo
Chicago Miniature Lamp,...
LM-FB26R CML-LM-FB26R Datasheet
195Kb / 1P
Flexible Bar LED Module - Red
logo
NTE Electronics
NTE3018 NTE-NTE3018 Datasheet
55Kb / 2P
Light Emitting Diode (LED) Red Diffused, 5mm
NTE3019 NTE-NTE3019 Datasheet
67Kb / 2P
Light Emitting Diode (LED) Red Diffused, 5mm
logo
OptoSupply Internationa...
OSMW05C12GP-OSR5MAZ2C1D-X OPTOSUPPLY-OSMW05C12GP-OSR5MAZ2C1D-X Datasheet
184Kb / 3P
LED Light Module
OSMW12C60GP-OSR5MAZ2C1D-X OPTOSUPPLY-OSMW12C60GP-OSR5MAZ2C1D-X Datasheet
193Kb / 3P
LED Light Module
logo
Schneider Electric
9001KP7LRR31 SCHNEIDER-9001KP7LRR31 Datasheet
135Kb / 3P
30mm Pilot Light, 220-240v, red LED
Nov 25, 2021
9001KP7LRR9 SCHNEIDER-9001KP7LRR9 Datasheet
153Kb / 3P
30mm Pilot Light, 220-240v, red LED
Dec 6, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com